Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9337 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9337 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9337
Download  PE9337 Download
File Size   248.18 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SHV Jack to SHV Jack Adapter

PE9337 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9337 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9337
Download  PE9337 Click to download

File Size   248.18 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SHV Jack to SHV Jack Adapter

PE9337 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE9337 Product details

Description
Pasternack’s PE9337 SHV jack to SHV jack adapter is part of our full line of RF components available for same-day shipping. Our SHV to SHV adapter has a jack to jack gender configuration. PE9337 SHV jack to SHV jack adapter operates to 300 MHz. The Pasternack RF adapter provides good VSWR of 1.3:1 maximum.

Configuration
• SHV Jack Connector 1
• SHV Jack Connector 2
• 50 Ohms
• Straight Body Geometry

Features
• Max VSWR of 1.3:1 up to 300 MHz
• SHV Interface compliant with MIL-STD-348A
• Gold Plated Brass Contact
• 30 µ-in min Gold Contact Plating

Applications
• General Purpose Test




Similar Part No. - PE9337

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9330 PASTERNACK-PE9330 Datasheet
256Kb / 3P
Precision 3.5mm Male to 3.5mm Male Adapter
PE9331 PASTERNACK-PE9331 Datasheet
84Kb / 1P
3.5mm FEMALE TO 3.5mm FEMALE PRECISION ADAPTER
PE9332 PASTERNACK-PE9332 Datasheet
110Kb / 1P
3.5mm MALE TO 3.5mm FEMALE, PRECISION ADAPTER
PE9334 PASTERNACK-PE9334 Datasheet
239Kb / 2P
SSMA Male to SSMA Female Right Angle Adapter
PE9335 PASTERNACK-PE9335 Datasheet
232Kb / 2P
MHV Male to SHV Jack Adapter
More results


Similar Description - PE9337

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD1702-1 WINCHESTER-SD1702-1 Datasheet
127Kb / 1P
SHV BULKHEAD JACK
logo
Pasternack Enterprises,...
PE9249 PASTERNACK-PE9249 Datasheet
235Kb / 2P
SHV Tee Adapter Jack-Plug-Jack
PE9335 PASTERNACK-PE9335 Datasheet
232Kb / 2P
MHV Male to SHV Jack Adapter
PE9336 PASTERNACK-PE9336 Datasheet
243Kb / 2P
Hermetically Sealed SHV Jack to SHV Jack Bulkhead Adapter
PE9338 PASTERNACK-PE9338 Datasheet
236Kb / 2P
SHV Plug to SHV Jack Right Angle Adapter
PE9339 PASTERNACK-PE9339 Datasheet
238Kb / 2P
MHV Female to SHV Jack Adapter
PE9749 PASTERNACK-PE9749 Datasheet
239Kb / 2P
SHV Plug to SHV Jack Adapter
PE4499 PASTERNACK-PE4499_16 Datasheet
347Kb / 3P
SHV Jack Bulkhead Mount Connector Solder Attachment
PE4501 PASTERNACK-PE4501_16 Datasheet
352Kb / 3P
SHV Jack Connector Solder Attachment
logo
Huber+Suhner, Inc.
31_SHV-50-0-1133_N HUBERSUHNER-31_SHV-50-0-1133_N Datasheet
493Kb / 2P
COAXIAL ADAPTER, SHV, 50 Ohm, jack / jack (female / female)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com