Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5140 Datasheet (PDF) - ON Semiconductor

CAT5140 Datasheet PDF - ON Semiconductor
Part # CAT5140
Download  CAT5140 Download
File Size   148.23 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single Channel 256 Tap DPP with Integrated EEPROM and I2C Control

CAT5140 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT5140 Datasheet PDF - ON Semiconductor

Part # CAT5140
Download  CAT5140 Click to download

File Size   148.23 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single Channel 256 Tap DPP with Integrated EEPROM and I2C Control

CAT5140 Datasheet (HTML) - ON Semiconductor


CAT5140 Product details

The CAT5140 is a single channel non-volatile 256−tap digitally programmable potentiometer (DPP). This DPP is comprised of a series of equal value resistor elements connected between two

externally accessible end points. The tap points between each resistive element can be selectively connected to the wiper output via internal CMOS switches forming a linear taper electronic potentiometer.



Features

•400 kHz I2C Compatible Interface

•256 Position Linear Taper Potentiometer

•End−to−End Resistance = 50 k/ 100 k

•TCR = 100 ppm/°C (typical)

•Standby Current = 2 A (max)

•Typical Wiper Resistance = 70 @ 3.3 V

•Operating Voltage = 2.5 V to 5.5 V

•6 Registers 8−bit Non−volatile EEPROM

•2,000,000 Data Write Stores

•100 Year Data Retention

•8−Lead MSOP Package

•Pb−free RoHS Compliant: NiPdAu Plating




Similar Part No. - CAT5140

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5140 ONSEMI-CAT5140 Datasheet
172Kb / 10P
Single Channel 256 Tap Digital Potentiometer (POT)
July, 2013 ??Rev. 4
CAT5140ZI-00-GT3 ONSEMI-CAT5140ZI-00-GT3 Datasheet
172Kb / 10P
Single Channel 256 Tap Digital Potentiometer (POT)
July, 2013 ??Rev. 4
CAT5140ZI-50-GT3 ONSEMI-CAT5140ZI-50-GT3 Datasheet
172Kb / 10P
Single Channel 256 Tap Digital Potentiometer (POT)
July, 2013 ??Rev. 4
CAT5140 ONSEMI-CAT5140_13 Datasheet
172Kb / 10P
Single Channel 256 Tap Digital Potentiometer (POT)
July, 2013 ??Rev. 4
More results


Similar Description - CAT5140

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL96017 INTERSIL-ISL96017_06 Datasheet
334Kb / 11P
128-Tap DCP, 16kbit EEPROM, and I2C Serial Interface
April 17, 2006
logo
ams AG
AS1506 AMSCO-AS1506 Datasheet
88Kb / 2P
256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
AS1506 AMSCO-AS1506_1 Datasheet
537Kb / 17P
256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
AS1507 AMSCO-AS1507 Datasheet
530Kb / 17P
Dual 256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
logo
ON Semiconductor
CAT5270 ONSEMI-CAT5270 Datasheet
168Kb / 10P
Dual Digitally Programmable Potentiometers (DPP) with 256 Taps & I2C Compatible Interface
October, 2009 ??Rev. 3
logo
Copal Electronics
DP7140 COPAL-DP7140 Datasheet
144Kb / 11P
Single Channel 256 Tap
logo
ON Semiconductor
CAT5140 ONSEMI-CAT5140_13 Datasheet
172Kb / 10P
Single Channel 256 Tap Digital Potentiometer (POT)
July, 2013 ??Rev. 4
logo
Renesas Technology Corp
ISL96017 RENESAS-ISL96017 Datasheet
722Kb / 13P
128-Tap DCP, 16kbit EEPROM, and I2C Serial Interface
logo
ON Semiconductor
CAT24C256 ONSEMI-CAT24C256_18 Datasheet
375Kb / 20P
EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 15
CAV24C256 ONSEMI-CAV24C256_18 Datasheet
265Kb / 14P
EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com