Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5270 Datasheet (PDF) - ON Semiconductor

CAT5270 Datasheet PDF - ON Semiconductor
Part # CAT5270
Download  CAT5270 Download
File Size   168.92 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Digitally Programmable Potentiometers (DPP) with 256 Taps & I2C Compatible Interface

CAT5270 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT5270 Datasheet PDF - ON Semiconductor

Part # CAT5270
Download  CAT5270 Click to download

File Size   168.92 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Digitally Programmable Potentiometers (DPP) with 256 Taps & I2C Compatible Interface

CAT5270 Datasheet (HTML) - ON Semiconductor


CAT5270 Product details

Description
The CAT5270 is a volatile 256−tap by two channels, digitally programmable potentiometer (DPP) with an I2C compatible interface. Each DPP consists of a linear taper series of resistive elements connected between two externally accessible end points. The tap points between each resistive element are connected to the wiper outputs with CMOS switches. On power up the wiper position goes to mid scale.
The CAT5270 can be used as a potentiometer or as a two terminal, variable resistor. It is available in a 14−lead TSSOP package operating over the industrial temperature range (−40°C to 85°C).

Features
• Two Linear Taper Digitally Programmable Potentiometers
• 256 Resistor Taps per Potentiometer
• End to End Resistance 50 kΩ, 100 kΩ
• I2C Compatible Interface
• Low Wiper Resistance 75 Ω(typ.)
• 2.5 V to 5.5 V Operation
• Standby Current Less than 1 μA
• Power On to Mid Scale
• 14−lead TSSOP Package
• Industrial Temperature Range




Similar Part No. - CAT5270

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
CAT5271 ONSEMI-CAT5271 Datasheet
225Kb / 14P
Dual 256?릔osition I2C Compatible Digital Potentiometers (POTs)
July, 2013 ??Rev. 3
CAT5271ZI-00-GT3 ONSEMI-CAT5271ZI-00-GT3 Datasheet
191Kb / 13P
Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
CAT5271ZI-00-GT3 ONSEMI-CAT5271ZI-00-GT3 Datasheet
225Kb / 14P
Dual 256?릔osition I2C Compatible Digital Potentiometers (POTs)
July, 2013 ??Rev. 3
CAT5271ZI-50-GT3 ONSEMI-CAT5271ZI-50-GT3 Datasheet
191Kb / 13P
Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
More results


Similar Description - CAT5270

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259 Datasheet
137Kb / 16P
Quad Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
CAT5269 CATALYST-CAT5269 Datasheet
134Kb / 15P
Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
CAT5269 CATALYST-CAT5269_07 Datasheet
247Kb / 16P
Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
CAT5259 CATALYST-CAT5259_08 Datasheet
283Kb / 16P
Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5259 ONSEMI-CAT5259 Datasheet
730Kb / 16P
Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. J
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
CAT5269 ONSEMI-CAT5269 Datasheet
254Kb / 16P
Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. F
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com