Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5261 Datasheet (PDF) - ON Semiconductor

CAT5261 Datasheet PDF - ON Semiconductor
Part # CAT5261
Download  CAT5261 Download
File Size   253.65 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface

CAT5261 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT5261 Datasheet PDF - ON Semiconductor

Part # CAT5261
Download  CAT5261 Click to download

File Size   253.65 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface

CAT5261 Datasheet (HTML) - ON Semiconductor


CAT5261 Product details

Description
The CAT5261 is two digital POTs integrated with control logic and 8 bytes of NVRAM memory. Each digital POT consists of a series of resistive elements connected between two externally accessible end points. The tap points between each resistive element are connected to the wiper outputs with CMOS switches. A separate 8-bit control register (WCR) independently controls the wiper tap switches for each digital POT. Associated with each wiper control register are four 8-bit non-volatile memory data registers (DR) used for storing up to four wiper settings. Writing to the wiper control register or any of the non-volatile data registers is via a SPI serial bus. On power-up, the contents of the first data register (DR0) for each of the potentiometers is automatically loaded into its respective wiper control register.

Features
• Two Linear-taper Digital Potentiometers
• 256 Resistor Taps per Potentiometer
• End to End Resistance 50 kΩ or 100 kΩ
• Potentiometer Control and Memory Access via SPI Interface
• Low Wiper Resistance, Typically 100 Ω
• Nonvolatile Memory Storage for up to Four Wiper Settings for Each Potentiometer
• Automatic Recall of Saved Wiper Settings at Power Up
• 2.5 to 6.0 Volt Operation
• Standby Current less than 1 μA
• 1,000,000 Nonvolatile WRITE Cycles
• 100 Year Nonvolatile Memory Data Retention
• 24-lead SOIC and 24-lead TSSOP
• Industrial Temperature Range
• These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - CAT5261

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261 Datasheet
95Kb / 15P
Dual Digitally Programmable Potentiometer
CAT5261 CATALYST-CAT5261 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261 Datasheet
241Kb / 15P
Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5261 ONSEMI-CAT5261 Datasheet
209Kb / 14P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
logo
Catalyst Semiconductor
CAT5261JI-00TE13 CATALYST-CAT5261JI-00TE13 Datasheet
95Kb / 15P
Dual Digitally Programmable Potentiometer
More results


Similar Description - CAT5261

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5411 CATALYST-CAT5411 Datasheet
93Kb / 16P
Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
CAT5269 CATALYST-CAT5269 Datasheet
134Kb / 15P
Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
CAT5269 CATALYST-CAT5269_07 Datasheet
247Kb / 16P
Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
CAT5259 CATALYST-CAT5259_08 Datasheet
283Kb / 16P
Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5261WI-50 ONSEMI-CAT5261WI-50 Datasheet
240Kb / 15P
Dual Digitally Programmable Potentiometers with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. F
CAT5269 ONSEMI-CAT5269 Datasheet
254Kb / 16P
Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. F
CAT5270 ONSEMI-CAT5270 Datasheet
168Kb / 10P
Dual Digitally Programmable Potentiometers (DPP) with 256 Taps & I2C Compatible Interface
October, 2009 ??Rev. 3
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com