Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF30H150CTG Datasheet (PDF) - ON Semiconductor

MBRF30H150CTG Datasheet PDF - ON Semiconductor
Part # MBRF30H150CTG
Download  MBRF30H150CTG Download
File Size   92.88 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SWITCHMODE??Power Rectifier 150 V, 30 A

MBRF30H150CTG Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRF30H150CTG Datasheet PDF - ON Semiconductor

Part # MBRF30H150CTG
Download  MBRF30H150CTG Click to download

File Size   92.88 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SWITCHMODE??Power Rectifier 150 V, 30 A

MBRF30H150CTG Datasheet (HTML) - ON Semiconductor


MBRF30H150CTG Product details

Features and Benefits
• Low Forward Voltage
• Low Power Loss/High Efficiency
• High Surge Capability
• 30 A Total (15 A Per Diode Leg)
• Guard-Ring for Stress Protection
• These are Pb-Free Devices

Applications
• Power Supply - Output Rectification
• Power Management
• Instrumentation




Similar Part No. - MBRF30H150CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRF30H150CTG ONSEMI-MBRF30H150CTG Datasheet
142Kb / 6P
SWITCHMODE??Power Rectifier
March, 2010 ??Rev. 1
MBRF30H150CTG ONSEMI-MBRF30H150CTG Datasheet
76Kb / 7P
Switch-mode Power Rectifier
July, 2016 ??Rev. 3
MBRF30H150CTG ONSEMI-MBRF30H150CTG_10 Datasheet
142Kb / 6P
SWITCHMODE??Power Rectifier
March, 2010 ??Rev. 1
MBRF30H150CTG ONSEMI-MBRF30H150CTG_16 Datasheet
76Kb / 7P
Switch-mode Power Rectifier
July, 2016 ??Rev. 3
More results


Similar Description - MBRF30H150CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB30H30CT-1 ONSEMI-MBRB30H30CT-1 Datasheet
58Kb / 6P
SWITCHMODE Power Rectifier 30 V, 30 A
April, 2006 ??Rev. 0
MBRB30H60CT-1 ONSEMI-MBRB30H60CT-1 Datasheet
58Kb / 6P
SWITCHMODE Power Rectifier 60 V, 30 A
April, 2006 ??Rev. 0
MBR30H100CT ONSEMI-MBR30H100CT Datasheet
71Kb / 6P
SWITCHMODE Power Rectifier 100 V, 30 A
July, 2006 ??Rev. 2
MBRB30H30CT-1 ONSEMI-MBRB30H30CT-1_07 Datasheet
59Kb / 6P
SWITCHMODE Power Rectifier 30 V, 30 A
March, 2007 ??Rev. 1
MBRB30H60CT-1G ONSEMI-MBRB30H60CT-1G Datasheet
73Kb / 7P
SWITCHMODE Power Rectifier 60 V, 30 A
March, 2007 ??Rev. 3
MBR30L60CT ONSEMI-MBR30L60CT Datasheet
142Kb / 7P
SWITCHMODE??Power Rectifier 60 V, 30 A
December, 2008 ??Rev. 0
MBRF20H150CTG ONSEMI-MBRF20H150CTG Datasheet
92Kb / 6P
SWITCHMODE??Power Rectifier 150 V, 20 A
October, 2007 - Rev. 0
MBR30H80CT ONSEMI-MBR30H80CT Datasheet
113Kb / 6P
SWITCHMODE??Power Rectifier 80 V, 30 A
February, 2009 ??Rev. 2
MBR30L45CTG ONSEMI-MBR30L45CTG Datasheet
138Kb / 6P
SWITCHMODE??Power Rectifier 45 V, 30 A
January, 2010 ??Rev. 2
MBRF10H150CTG ONSEMI-MBRF10H150CTG Datasheet
100Kb / 5P
SWITCHMODE??Power Rectifier 150 V, 10 A
April, 2008 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com