Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR30H80CT Datasheet (PDF) - ON Semiconductor

MBR30H80CT Datasheet PDF - ON Semiconductor
Part # MBR30H80CT
Download  MBR30H80CT Download
File Size   113.47 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SWITCHMODE??Power Rectifier 80 V, 30 A

MBR30H80CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR30H80CT Datasheet PDF - ON Semiconductor

Part # MBR30H80CT
Download  MBR30H80CT Click to download

File Size   113.47 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SWITCHMODE??Power Rectifier 80 V, 30 A

MBR30H80CT Datasheet (HTML) - ON Semiconductor




Similar Part No. - MBR30H80CT

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
MBR30H100C BCDSEMI-MBR30H100C Datasheet
990Kb / 11P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR30H100C KERSEMI-MBR30H100C Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR30H100C DIODES-MBR30H100C Datasheet
476Kb / 8P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Rev 3
logo
Rectron Semiconductor
MBR30H100C RECTRON-MBR30H100C Datasheet
333Kb / 5P
SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
MBR30H100CT VISHAY-MBR30H100CT Datasheet
81Kb / 3P
High-Voltage Dual Schottky Rectifiers
11-Jul-03
More results


Similar Description - MBR30H80CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB30H30CT-1 ONSEMI-MBRB30H30CT-1 Datasheet
58Kb / 6P
SWITCHMODE Power Rectifier 30 V, 30 A
April, 2006 ??Rev. 0
MBRB30H60CT-1 ONSEMI-MBRB30H60CT-1 Datasheet
58Kb / 6P
SWITCHMODE Power Rectifier 60 V, 30 A
April, 2006 ??Rev. 0
MBR10H100CT ONSEMI-MBR10H100CT Datasheet
68Kb / 6P
SWITCHMODE Power Rectifier 100 V, 10 A
June, 2005 ??Rev. 0
MBR30H100CT ONSEMI-MBR30H100CT Datasheet
71Kb / 6P
SWITCHMODE Power Rectifier 100 V, 30 A
July, 2006 ??Rev. 2
MBRB30H30CT-1 ONSEMI-MBRB30H30CT-1_07 Datasheet
59Kb / 6P
SWITCHMODE Power Rectifier 30 V, 30 A
March, 2007 ??Rev. 1
MBRB30H60CT-1G ONSEMI-MBRB30H60CT-1G Datasheet
73Kb / 7P
SWITCHMODE Power Rectifier 60 V, 30 A
March, 2007 ??Rev. 3
MBR20L80CT ONSEMI-MBR20L80CT Datasheet
123Kb / 7P
SWITCHMODE??Power Rectifier 80 V, 20 A
January, 2009 ??Rev. 1
MBR30L60CT ONSEMI-MBR30L60CT Datasheet
142Kb / 7P
SWITCHMODE??Power Rectifier 60 V, 30 A
December, 2008 ??Rev. 0
MBRF30H150CTG ONSEMI-MBRF30H150CTG Datasheet
92Kb / 6P
SWITCHMODE??Power Rectifier 150 V, 30 A
October, 2007 - Rev. 0
MBR30L45CTG ONSEMI-MBR30L45CTG Datasheet
138Kb / 6P
SWITCHMODE??Power Rectifier 45 V, 30 A
January, 2010 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com