Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5325 Datasheet (PDF) - Anpec Electronics Coropration

APL5325 Datasheet PDF - Anpec Electronics Coropration
Part # APL5325
Download  APL5325 Download
File Size   264.75 Kbytes
Page   15 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Adjustable Low Dropout 300mA Linear Regulator

APL5325 Datasheet (PDF)

Go To PDF Page Download Datasheet
APL5325 Datasheet PDF - Anpec Electronics Coropration

Part # APL5325
Download  APL5325 Click to download

File Size   264.75 Kbytes
Page   15 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Adjustable Low Dropout 300mA Linear Regulator

APL5325 Datasheet (HTML) - Anpec Electronics Coropration


APL5325 Product details

General Description

The APL5325 is a P-channel low dropout linear regulator which needs only one input voltage from 3 to 6V, and delivers current up to 300mA to set output voltage. It also can work with low ESR ceramic capacitors and is ideal for using in the battery-powered applications such as notebook computers and cellular phones. Typical dropout voltage is only 300mV at 300mA loading.

Current limit with current foldback and thermal shutdown functions protect the device against current over-loads and over temperature. The APL5325 is available in a SOT-23-5 package.



Features

· Wide Operating Voltage: 3~6V

· Low Dropout Voltage: 300mV(Typical) @ 300mA

· Guaranteed 300mA Output Current

· Adjustable Output Voltage: 0.8~5.5V

· Current-Limit Protection with Foldback Current

· Over-Temperature Protection

· Stable with Low ESR Ceramic Capacitor

· SOT-23-5 Package

· Lead Free and Green Devices Available (RoHS Compliant)



Applications

· Cellular Phones

· Portable and Battery-Powered Equipment

· Notebook and Personal Computers



 




Similar Part No. - APL5325

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5325 ANPEC-APL5325 Datasheet
236Kb / 18P
Adjustable Low Dropout 300mA Linear Regulator
APL5325BI-TRG ANPEC-APL5325BI-TRG Datasheet
236Kb / 18P
Adjustable Low Dropout 300mA Linear Regulator
APL5325BI-TRL ANPEC-APL5325BI-TRL Datasheet
236Kb / 18P
Adjustable Low Dropout 300mA Linear Regulator
APL5325QBI-TRG ANPEC-APL5325QBI-TRG Datasheet
236Kb / 18P
Adjustable Low Dropout 300mA Linear Regulator
APL5325QBI-TRL ANPEC-APL5325QBI-TRL Datasheet
236Kb / 18P
Adjustable Low Dropout 300mA Linear Regulator
More results


Similar Description - APL5325

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5315 ANPEC-APL5315 Datasheet
397Kb / 16P
Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5317 ANPEC-APL5317 Datasheet
338Kb / 17P
Selectable Adjustable/Fixed Low Dropout 300mA Linear Regulator
logo
Unisonic Technologies
LR2125 UTC-LR2125 Datasheet
336Kb / 8P
300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5327 ANPEC-APL5327 Datasheet
368Kb / 14P
Adjustable Low Dropout 300mA Linear Regulator
APL5315 ANPEC-APL5315_08 Datasheet
409Kb / 15P
Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5323 ANPEC-APL5323 Datasheet
251Kb / 15P
Adjustable Low Dropout 300mA Linear Regulator
APL5324 ANPEC-APL5324 Datasheet
295Kb / 16P
Adjustable Low Dropout 300mA Linear Regulator
logo
E-Tech Electronics LTD
LR2125 ETL-LR2125 Datasheet
347Kb / 8P
300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5322 ANPEC-APL5322 Datasheet
352Kb / 18P
Adjustable Low Dropout 300mA Linear Regulator
APL5325 ANPEC-APL5325_17 Datasheet
236Kb / 18P
Adjustable Low Dropout 300mA Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com