Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5327 Datasheet (PDF) - Anpec Electronics Coropration

APL5327 Datasheet PDF - Anpec Electronics Coropration
Part # APL5327
Download  APL5327 Download
File Size   368.41 Kbytes
Page   14 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Adjustable Low Dropout 300mA Linear Regulator

APL5327 Datasheet (PDF)

Go To PDF Page Download Datasheet
APL5327 Datasheet PDF - Anpec Electronics Coropration

Part # APL5327
Download  APL5327 Click to download

File Size   368.41 Kbytes
Page   14 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Adjustable Low Dropout 300mA Linear Regulator

APL5327 Datasheet (HTML) - Anpec Electronics Coropration


APL5327 Product details

General Description
The APL5327 is a P-channel low dropout linear regulator which needs only one input voltage from 3 to 6V, and delivers current up to 300mA to set output voltage. It also can work with low ESR ceramic capacitors and is ideal for using in the battery-powered applications such as notebook computers and cellular phones. Typical dropout voltage is only 300mV at 300mA loading.

Features
• Wide Operating Voltage: 3~6V
• Low Dropout Voltage: 300mV(Typical) @ 300mA
• Guaranteed 300mA Output Current
• Adjustable Output Voltage: 1.2~5.5V
• Current-Limit Protection with Foldback Current
• Over-Temperature Protection
• Stable with Low ESR Ceramic Capacitor
• SOT-23-5 Package
• Lead Free and Green Devices Available (RoHS Compliant)

Applications
• Cellular Phones
• Portable and Battery-Powered Equipment
• Notebook and Personal Computers




Similar Part No. - APL5327

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320-12A ANPEC-APL5320-12A Datasheet
424Kb / 25P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320-12B ANPEC-APL5320-12B Datasheet
424Kb / 25P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320-12BT ANPEC-APL5320-12BT Datasheet
424Kb / 25P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results


Similar Description - APL5327

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5315 ANPEC-APL5315 Datasheet
397Kb / 16P
Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5317 ANPEC-APL5317 Datasheet
338Kb / 17P
Selectable Adjustable/Fixed Low Dropout 300mA Linear Regulator
APL5325 ANPEC-APL5325 Datasheet
264Kb / 15P
Adjustable Low Dropout 300mA Linear Regulator
logo
Unisonic Technologies
LR2125 UTC-LR2125 Datasheet
336Kb / 8P
300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5315 ANPEC-APL5315_08 Datasheet
409Kb / 15P
Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5323 ANPEC-APL5323 Datasheet
251Kb / 15P
Adjustable Low Dropout 300mA Linear Regulator
APL5324 ANPEC-APL5324 Datasheet
295Kb / 16P
Adjustable Low Dropout 300mA Linear Regulator
logo
E-Tech Electronics LTD
LR2125 ETL-LR2125 Datasheet
347Kb / 8P
300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5322 ANPEC-APL5322 Datasheet
352Kb / 18P
Adjustable Low Dropout 300mA Linear Regulator
APL5325 ANPEC-APL5325_17 Datasheet
236Kb / 18P
Adjustable Low Dropout 300mA Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com