Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5327 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5327
Description  Adjustable Low Dropout 300mA Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5327 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5327 Datasheet HTML 1Page - Anpec Electronics Coropration APL5327 Datasheet HTML 2Page - Anpec Electronics Coropration APL5327 Datasheet HTML 3Page - Anpec Electronics Coropration APL5327 Datasheet HTML 4Page - Anpec Electronics Coropration APL5327 Datasheet HTML 5Page - Anpec Electronics Coropration APL5327 Datasheet HTML 6Page - Anpec Electronics Coropration APL5327 Datasheet HTML 7Page - Anpec Electronics Coropration APL5327 Datasheet HTML 8Page - Anpec Electronics Coropration APL5327 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jun., 2011
APL5327
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
VIN
VIN Supply Voltage (VIN to GND)
-0.3 ~ 6.5
V
VSHDN
SHDN Input Voltage (SHDN to GND)
-0.3 ~ 6.5
V
PD
Power Dissipation
Internally Limited
W
TJ
Junction Temperature
-40 ~ 150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Absolute Maximum Ratings (Note 1)
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Thermal Resistance-Junction to Ambient
(Note 2)
SOT-23-5
240
oC/W
θ
JC
Thermal Resistance-Junction to Case
SOT-23-5
130
oC/W
Note 2 :
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Recommended Operating Conditions
Symbol
Parameter
Range
Unit
VIN
VIN Supply Voltage
3 ~ 6
V
VOUT
Output Voltage
1.2 ~ 5.5
V
IOUT
VOUT Output Current
0 ~ 300
mA
CIN
Input Capacitor
0.22 ~ 100
µF
COUT
Output Capacitor
0.8 ~ 100
µF
TJ
Junction Temperature
-40 ~ 125
oC
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
APL5327
Package Code
B: SOT-23-5
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
Assembly Material
Handling Code
Temperature Range
Package Code
APL5327
B :
27RX
X - Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com