Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7190 Datasheet (PDF) - Anpec Electronics Coropration

APW7190 Datasheet PDF - Anpec Electronics Coropration
Part # APW7190
Download  APW7190 Download
File Size   1055.23 Kbytes
Page   23 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 5V or 12V Single Output PWM Controller with PFM

APW7190 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7190 Datasheet PDF - Anpec Electronics Coropration

Part # APW7190
Download  APW7190 Click to download

File Size   1055.23 Kbytes
Page   23 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 5V or 12V Single Output PWM Controller with PFM

APW7190 Datasheet (HTML) - Anpec Electronics Coropration


APW7190 Product details

General Description
The APW7190 is a single-phase, constant-on-time, synchronous PWM controller, which drives N-channel MOS FETs. The APW7190 allows wide input voltage that is either a single 5~12V or two supply voltage(s) for various applications. An internal 0.5V temperature-compensated reference voltage with high accuracy is designed to meet the requirement of low output voltage applications.
The PWM controller operates fixed 300kHz pseudo-constant frequency PWM with an adaptive constant-on-time control. The device provides excellent transient response and accurate DC voltage output in either PFM or PWM Mode. In Pulse Frequency Mode (PFM), the APW7190 provides very high efficiency over light to heavy loads with loading-modulated switching frequencies. The device works in ultrasonic mode with PFM at no load. The unique ultrasonic mode maintains the switching frequency above 20kHz, which eliminates noise in audio applications.
The APW7190 is equipped with accurate current-limit, output under-voltage, and output over-voltage protections. A Power-On-Reset function monitors the voltage on VCC to prevent wrong operation during power-on. The APW7190 has a 4ms digital soft-start to ramp up the output voltage with programmable slew rate to reduce the start-up current. A soft-stop function actively discharges the output capacitors with controlled reverse inductor current.
The APW7190 is available in TDFN3x3-10 package.

Features
● Operating with Single 5~12V Supply Voltage or Two Supply Voltages
● ±0.6% 0.5V Reference
   - Over Line, Load Regulation, and Operating Temp.
● Drive Dual Low Cost N-Channel MOSFETs
   - Adaptive Shoot-Through Protection
● Power-On-Reset Monitoring on VCC Pin
● High Efficiency at Light Load
● Constant-On-Time Control Scheme
   - Switching Frequency Compensation for PWM Operation
● 300kHz Constant Switching Frequency
● Integrated MOSFET Drivers and Bootstrap Diode
● Internal Integrated Soft-Start
● Built-In Ultrasonic Mode Control Scheme with PFM
● Adaptive Dead-Time Control
● Power Good Monitoring
● 70% Under-Voltage Protection
● 125% Pre-Over-Voltage and Over-Voltage Protection
● Adjustable Current-Limit Protection
   - Using Low-Side MOSFET’s RDS(ON)
● Over-Temperature Protection
● 3mmx3mm TDFN-10 (TDFN3x3-10) Package
● Lead Free and Green Devices Available (RoHS Compliant)

Applications
● Mother Board
● Low Cost PC
● 5V or 12V-Input DC/DC Regulators




Similar Part No. - APW7190

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7199 ANPEC-APW7199 Datasheet
463Kb / 24P
High-Performance Step-Down PWM Controller with PFM
APW7199QBI-TRG ANPEC-APW7199QBI-TRG Datasheet
463Kb / 24P
High-Performance Step-Down PWM Controller with PFM
More results


Similar Description - APW7190

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5951 MAXIM-MAX5951 Datasheet
395Kb / 25P
12V/5V Input Buck PWM Controller
Rev 0; 5/06
logo
Intersil Corporation
ISL6341 INTERSIL-ISL6341 Datasheet
302Kb / 17P
5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
December 2, 2008
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Intersil Corporation
ISL6341ACRZ-T INTERSIL-ISL6341ACRZ-T Datasheet
308Kb / 17P
5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
December 2, 2008
ISL6545 INTERSIL-ISL6545 Datasheet
369Kb / 16P
5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
April 29, 2010
logo
Renesas Technology Corp
ISL6341 RENESAS-ISL6341 Datasheet
803Kb / 18P
5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
5V/12V Synchronous Buck PWM Controller
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
5V/12V Synchronous Buck PWM Controller
logo
Renesas Technology Corp
ISL6545 RENESAS-ISL6545 Datasheet
838Kb / 17P
5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
October 7, 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com