Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7199 Datasheet (PDF) - Anpec Electronics Coropration

APW7199 Datasheet PDF - Anpec Electronics Coropration
Part # APW7199
Download  APW7199 Download
File Size   463.88 Kbytes
Page   24 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description High-Performance Step-Down PWM Controller with PFM

APW7199 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7199 Datasheet PDF - Anpec Electronics Coropration

Part # APW7199
Download  APW7199 Click to download

File Size   463.88 Kbytes
Page   24 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description High-Performance Step-Down PWM Controller with PFM

APW7199 Datasheet (HTML) - Anpec Electronics Coropration


APW7199 Product details

General Description

The APW7199 is a single-phase, constant-on-time, and synchronous PWM controller, which drives N-channel MOSFETs. An internal 0.5V temperature-compensated reference voltage with high accuracy is designed to meet the requirement of low output voltage applications. The APW7199 steps down high voltage to generate low-volt age chipset or RAM supplies in notebook computers.



Features

· Operates from An Input Battery Voltage Range of +3V to +25V

· ±0.6% 0.5V Reference

  - Over Line, Load Regulation, and Operating Temp.

· Drive Dual Low Cost N-Channel MOSFETs

  - Adaptive Shoot-Through Protection

· Power-On-Reset Monitoring on VCC Pin

· PFM Mode for Increasing Light Load Efficiency

· Constant-On-Time Control Scheme

  - Switching Frequency Compensation for PWM Operation

· 300kHz Constant Switching Frequency

· Integrated MOSFET Drivers and Bootstrap Diode

· Internal Soft-Start and Soft-Stop

· Power Good Monitoring

· 70% Under-Voltage Protection

· 125% Over-Voltage Protection

  - Using Low-Side MOSFET’s RDS(ON)

· Over-Temperature Protection

· TDFN-10 3mmx3mm Package

· Lead Free and Green Devices Available(RoHS Compliant)



Applications

· Notebook

· Low Cost PC

· Wide Input DC/DC Regulators



 




Similar Part No. - APW7199

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7190 ANPEC-APW7190 Datasheet
1Mb / 23P
5V or 12V Single Output PWM Controller with PFM
APW7190QBI-TRG ANPEC-APW7190QBI-TRG Datasheet
1Mb / 23P
5V or 12V Single Output PWM Controller with PFM
More results


Similar Description - APW7199

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2002
TC120 MICROCHIP-TC120 Datasheet
436Kb / 14P
PWM/PFM Step-Down Combination Regulator/Controller
05/01/02
logo
ON Semiconductor
NCP1550SN18T1 ONSEMI-NCP1550SN18T1 Datasheet
191Kb / 18P
600 kHz PWM/PFM Step-Down DC-DC Controller
September, 2004 ??Rev. 6
logo
Anachip Corp
AP1625 ANACHIP-AP1625 Datasheet
159Kb / 5P
PWM/PFM Dual Mode Step-down DC/DC Controller
Rev.1.1 May.27, 2004
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
211Kb / 9P
600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
UC3750 UTC-UC3750_11 Datasheet
203Kb / 8P
600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
TC120 MICROCHIP-TC120_13 Datasheet
215Kb / 16P
PWM/PFM Step-Down Combination Regulator/Controller
2001-2012 10/26/12
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com