Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT550PD Datasheet (PDF) - RFHIC

RT550PD Datasheet PDF - RFHIC
Part # RT550PD
Download  RT550PD Download
File Size   153.6 Kbytes
Page   2 Pages
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC
Description Power Transistor

RT550PD Datasheet (PDF)

Go To PDF Page Download Datasheet
RT550PD Datasheet PDF - RFHIC

Part # RT550PD
Download  RT550PD Click to download

File Size   153.6 Kbytes
Page   2 Pages
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC
Description Power Transistor

RT550PD Datasheet (HTML) - RFHIC


RT550PD Product details

Description
The RT550PD is designed for base stations and cell extenders as 300 ~ 3000MHz.

Product Features
• High Output Power P1dB = 40dBm(typ)@2.3GHz
• High Efficiency
• High Power Gain G1dB = 10dB(typ) @2.3GHz
• High Linearity
• Hermetically sealed package
• Competitive Price

Applications
• Repeater
• RF Sub-Systems
• Base Station
• Converter
• MMDS




Similar Part No. - RT550PD

ManufacturerPart #DatasheetDescription
logo
RFHIC
RT550PD RFHIC-RT550PD Datasheet
185Kb / 3P
Power Transistor
RT550PD RFHIC-RT550PD_14 Datasheet
185Kb / 3P
Power Transistor
More results


Similar Description - RT550PD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
POWER TRANSISTOR
1995
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
Power transistor
15-Nov-2006
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
POWER TRANSISTOR
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
Power Transistor
2SD2114K KEXIN-2SD2114K Datasheet
36Kb / 1P
Power Transistor
2SB1260 KEXIN-2SB1260 Datasheet
51Kb / 1P
Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
Power Transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
Power Transistor
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
Power Transistor
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com