Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT550PD Datasheet(PDF) 1 Page - RFHIC

Part # RT550PD
Description  Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RT550PD Datasheet(HTML) 1 Page - RFHIC

  RT550PD Datasheet HTML 1Page - RFHIC RT550PD Datasheet HTML 2Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
▪ Tel : 82-31-250-5011
▪ rfsales@rfhic.com
R
RT
T5
55
50
0P
PD
D
P
Po
ow
we
er
r T
Tr
ra
an
nssiisstto
or
r
▪ All specifications may change without notice.
▪ Version 5.2
Description
The RT550PD is designed for base stations and cell extenders as 300MHz ~ 3GHz.
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Drain - Source Voltage
Vds
+12
V
Gate - Source Voltage
Vgs
-5V~0V
V
Total Power Dissipation
Pt
37
W
Storage Temperature
Tstg
-65 ~ +200
℃
Channel Temperature
Tch
175
℃
Electrical Characteristics (Ta=+25℃)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Saturated Drain Current
Idss
5000
6700
mA
Transconductance
gm
3300
mS
Pinch-off Voltage
Vp
Vds=3V, Vgs=0V
Vds=3V, Ids=3600mA
Vds=3v, Ids=360mA
-1.6
-1.9
-3.5
V
Breakdown Voltage Gate-Source
Bvgs
-20
-25
V
Breakdown Voltage Gate-Drain
Bvgd
-20
-25
V
Output Power @ 1dB G.C.P
P1dB
39
40
dBm
Linear Power Gain
GLP
10
dB
Power added efficiency @ 1dB
ηadd
Vds=9V, Id=2.4A
F=2.3GHz
40
%
Thermal Resistance (Channel to Case)
Rth
4.0
4.5
℃
/W
Product Features
• High Output Power
P1dB = 40dBm(typ)@2.3GHz
• High Efficiency
• High Power Gain
G1dB = 10dB(typ) @2.3GHz
• High Linearity
• Hermetically sealed package
• Competitive Price
Application
• Repeater
• RF Sub-Systems
• Base Station
• Converter
• MMDS
Package Type : WP-22


Similar Part No. - RT550PD

ManufacturerPart #DatasheetDescription
logo
RFHIC
RT550PD RFHIC-RT550PD Datasheet
185Kb / 3P
Power Transistor
RT550PD RFHIC-RT550PD_14 Datasheet
185Kb / 3P
Power Transistor
More results

Similar Description - RT550PD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
POWER TRANSISTOR
1995
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
Power transistor
15-Nov-2006
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
POWER TRANSISTOR
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
Power Transistor
2SD2114K KEXIN-2SD2114K Datasheet
36Kb / 1P
Power Transistor
2SB1260 KEXIN-2SB1260 Datasheet
51Kb / 1P
Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
Power Transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
Power Transistor
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
Power Transistor
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com