Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFC092 Datasheet (PDF) - RFHIC

RFC092 Datasheet PDF - RFHIC
Part # RFC092
Download  RFC092 Download
File Size   336.92 Kbytes
Page   4 Pages
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC
Description Cellular Mini Amplifier

RFC092 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFC092 Datasheet PDF - RFHIC

Part # RFC092
Download  RFC092 Click to download

File Size   336.92 Kbytes
Page   4 Pages
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC
Description Cellular Mini Amplifier

RFC092 Datasheet (HTML) - RFHIC


RFC092 Product details

Description
The RFC092 is specifically designed for up to 1GHz in frequency as amplifiers in BTS.
This hybrid dynamic range amplifier module operates with a single voltage supply of 24V(DC).

Product Features
• GaAs MMIC
• Very Low Distortion
• Guaranteed Broadband Power Gain
• Heat Sink 99.9% Copper, Ag or Gold Plate
• Excellent Thermal Conductivity
• Single Supply Voltage @ 24V
• Low DC Power Consumption
• No External Circuit needed

Application
• Drive Amplifier




Similar Part No. - RFC092

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFC092 RFHIC-RFC092_14 Datasheet
348Kb / 6P
Celluler Mini Amplifier
RFC092 RFHIC-RFC092_17 Datasheet
1Mb / 6P
Celluler Mini Amplifier
More results


Similar Description - RFC092

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1741Q SONY-CXA1741Q Datasheet
403Kb / 21P
IF Amplifier for Analog Cellular Communications
CXA1742Q SONY-CXA1742Q Datasheet
277Kb / 19P
IF Amplifier for Analog Cellular Communications
logo
Motorola, Inc
MHL9838 MOTOROLA-MHL9838 Datasheet
275Kb / 4P
CELLULAR BAND RF LINEAR LDMOS AMPLIFIER
logo
Freescale Semiconductor...
MHL9236N FREESCALE-MHL9236N Datasheet
75Kb / 5P
Cellular Band RF Linear LDMOS Amplifier
MHL9838N FREESCALE-MHL9838N Datasheet
72Kb / 5P
Cellular Band RF Linear LDMOS Amplifier
logo
WJ Communication. Inc.
VG101 WJCI-VG101 Datasheet
512Kb / 5P
Cellular-band Variable Gain Amplifier
logo
RF Micro Devices
RF2376 RFMD-RF2376_06 Datasheet
131Kb / 8P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2376 RFMD-RF2376_1 Datasheet
277Kb / 10P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
logo
Taoglas antenna solutio...
TG.19.0112 TAOGLAS-TG.19.0112 Datasheet
500Kb / 10P
Mini Helical Quad-Band Cellular Antenna
TG.19.0112 TAOGLAS-TG.19.0112_14 Datasheet
637Kb / 10P
Mini Helical Quad-Band Cellular Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com