Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFC092 Datasheet(PDF) 1 Page - RFHIC

Part # RFC092
Description  Cellular Mini Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RFC092 Datasheet(HTML) 1 Page - RFHIC

  RFC092 Datasheet HTML 1Page - RFHIC RFC092 Datasheet HTML 2Page - RFHIC RFC092 Datasheet HTML 3Page - RFHIC RFC092 Datasheet HTML 4Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
C
Ce
ellllu
ulla
ar
r M
Miin
nii A
Am
mp
plliiffiie
er
r
R
RF
FC
C0
09
92
2
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.6
Product Features
Application
• GaAs MMIC
• Very Low Distortion
• Guaranteed Broadband Power Gain
• Heat Sink 99.9% Copper, Ag or Gold Plate
• Excellent Thermal Conductivity
• Single Supply Voltage @ 24V
• Low DC Power Consumption
• No External Circuit needed
• Drive Amplifier
Description
The RFC092 is specifically designed for up to 1GHz in frequency as amplifiers in BTS.
This hybrid dynamic range amplifier module operates with a single voltage supply of 24V(DC).
Specifications
Absolute Maximum Ratings
PARAMETER
MIN
MAX
UNITS
VDD / VRFOUT
0
28
VDC
RFIN
-
+22
dBm
Storage Temperature
-40
+100
℃
Operating Temperature
-20
+100
℃
Electrical Specifications (TA = +25
, VDD = 24V~28V)
℃
PARAMETER
RFC092
MIN
TYP
MAX
Bandwidth (MHz)
800
-
1000
Gain @ 870MHz (dB)
23
-
Gain Flatness @ 870MHz (dB)
-
-
±0.5
Input / Output VSWR
1.5 : 1
2.0 : 1
Output Power (dBm)
29
30
IMD3 (dBc)
56
60
CDMA (dBm) 29dBc @ 885kHz
44dBc @ 1.98MHz
1FA
22
24
Noise Figure (dB) @ 870MHz
4
6
Supply Current (mA)
380
400
430


Similar Part No. - RFC092

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFC092 RFHIC-RFC092_14 Datasheet
348Kb / 6P
Celluler Mini Amplifier
RFC092 RFHIC-RFC092_17 Datasheet
1Mb / 6P
Celluler Mini Amplifier
More results

Similar Description - RFC092

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1741Q SONY-CXA1741Q Datasheet
403Kb / 21P
IF Amplifier for Analog Cellular Communications
CXA1742Q SONY-CXA1742Q Datasheet
277Kb / 19P
IF Amplifier for Analog Cellular Communications
logo
Motorola, Inc
MHL9838 MOTOROLA-MHL9838 Datasheet
275Kb / 4P
CELLULAR BAND RF LINEAR LDMOS AMPLIFIER
logo
Freescale Semiconductor...
MHL9236N FREESCALE-MHL9236N Datasheet
75Kb / 5P
Cellular Band RF Linear LDMOS Amplifier
MHL9838N FREESCALE-MHL9838N Datasheet
72Kb / 5P
Cellular Band RF Linear LDMOS Amplifier
logo
WJ Communication. Inc.
VG101 WJCI-VG101 Datasheet
512Kb / 5P
Cellular-band Variable Gain Amplifier
logo
RF Micro Devices
RF2376 RFMD-RF2376_06 Datasheet
131Kb / 8P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2376 RFMD-RF2376_1 Datasheet
277Kb / 10P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
logo
Taoglas antenna solutio...
TG.19.0112 TAOGLAS-TG.19.0112 Datasheet
500Kb / 10P
Mini Helical Quad-Band Cellular Antenna
TG.19.0112 TAOGLAS-TG.19.0112_14 Datasheet
637Kb / 10P
Mini Helical Quad-Band Cellular Antenna
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com