Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74LCX245 Datasheet (PDF) - Toshiba Semiconductor

TC74LCX245 Datasheet PDF - Toshiba Semiconductor
Part # TC74LCX245
Download  TC74LCX245 Download
File Size   294.37 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LOW VOLTAGE OCTAL BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS

TC74LCX245 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74LCX245 Datasheet PDF - Toshiba Semiconductor

Part # TC74LCX245
Download  TC74LCX245 Click to download

File Size   294.37 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LOW VOLTAGE OCTAL BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS

TC74LCX245 Datasheet (HTML) - Toshiba Semiconductor


TC74LCX245 Product details

The TC74LCX245 is a high-performance CMOS octal bus transceiver. Designed for use in 3.3-V systems, it achieves high-speed operation while maintaining the CMOS low power dissipation. The device is designed for low-voltage (3.3 V) VCC applications, but it could be used to interface to 5-V supply environment for both inputs and outputs. The direction of data transmission is determined by the level of the DIR input. The enable input ( OE ) can be used to disable the device so that the busses are effectively isolated. All inputs are equipped with protection circuits against static discharge.

Features (Note)
• Low-voltage operation: VCC = 2.0 to 3.6 V
• High-speed operation: tpd = 7.0 ns (max) (VCC = 3.0 to 3.6 V)
• Ouput current: |IOH|/IOL = 24 mA (min) (VCC = 3.0 V)
• Latch-up performance: −500 mA
• Available in JEITA SOP, TSSOP and VSSOP (US)
• Bidirectional interface between 5.0 V and 3.3 V signals
• Power-down protection provided on all inputs and outputs
• Pin and function compatible with the 74 series
(74AC/VHC/HC/F/ALS/LS etc.) 245 type




Similar Part No. - TC74LCX245

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX245FK TOSHIBA-TC74LCX245FK Datasheet
248Kb / 10P
Low-Voltage Octal Bus Transceiver with 5-V Tolerant Inputs and Outputs
TC74LCX245FK TOSHIBA-TC74LCX245FK_10 Datasheet
235Kb / 12P
Low-Voltage Octal Bus Transceiver with 5-V Tolerant Inputs and Outputs
TC74LCX245FT TOSHIBA-TC74LCX245FT Datasheet
248Kb / 10P
Low-Voltage Octal Bus Transceiver with 5-V Tolerant Inputs and Outputs
TC74LCX245FT TOSHIBA-TC74LCX245FT_10 Datasheet
235Kb / 12P
Low-Voltage Octal Bus Transceiver with 5-V Tolerant Inputs and Outputs
TC74LCX245F TOSHIBA-TC74LCX245F_07 Datasheet
248Kb / 10P
Low-Voltage Octal Bus Transceiver with 5-V Tolerant Inputs and Outputs
More results


Similar Description - TC74LCX245

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX244F TOSHIBA-TC74LCX244F Datasheet
281Kb / 8P
LOW VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX541F TOSHIBA-TC74LCX541F Datasheet
283Kb / 8P
LOW VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX245FT TOSHIBA-TC74VCX245FT Datasheet
323Kb / 8P
LOW VOLTAGE OCTAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MZ244FK TOSHIBA-TC7MZ244FK Datasheet
229Kb / 6P
LOW-VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ245FK TOSHIBA-TC7MZ245FK Datasheet
244Kb / 6P
LOW-VOLTAGE OCTAL BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ541FK TOSHIBA-TC7MZ541FK Datasheet
240Kb / 6P
LOW-VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX543 FAIRCHILD-74LCX543 Datasheet
90Kb / 8P
Low Voltage Octal Registered Transceiver with 5V Tolerant Inputs and Outputs
74LCX646 FAIRCHILD-74LCX646 Datasheet
105Kb / 10P
Low Voltage Octal Transceiver/Register with 5V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX245 STMICROELECTRONICS-74LCX245 Datasheet
278Kb / 13P
LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
15-Sep-2004
logo
ON Semiconductor
74LCX543 ONSEMI-74LCX543 Datasheet
197Kb / 10P
Low Voltage Octal Registered Transceiver with 5V Tolerant Inputs and Outputs
Revised March 2001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com