Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0150SC-1250M Datasheet (PDF) - Microsemi Corporation

0150SC-1250M Datasheet PDF - Microsemi Corporation
Part # 0150SC-1250M
Download  0150SC-1250M Download
File Size   319.29 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 1250Watts, 125 Volts, Class AB 150 to 160 MHz Silicon Carbide SIT

0150SC-1250M Datasheet (PDF)

Go To PDF Page Download Datasheet
0150SC-1250M Datasheet PDF - Microsemi Corporation

Part # 0150SC-1250M
Download  0150SC-1250M Click to download

File Size   319.29 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 1250Watts, 125 Volts, Class AB 150 to 160 MHz Silicon Carbide SIT

0150SC-1250M Datasheet (HTML) - Microsemi Corporation




Similar Part No. - 0150SC-1250M

ManufacturerPart #DatasheetDescription
logo
Heyco.
0150 HEYCO-0150 Datasheet
115Kb / 1P
Heyco® Liquid Tight Cordgrips
logo
STEGO Elektrotechnik Gm...
01500.2-00 STEGO-01500.2-00 Datasheet
1Mb / 1P
SMART SENSOR DISTANCE
02.02.2024
logo
AG Electronica
015000151-0 AGELECTRONICA-015000151-0 Datasheet
412Kb / 1P
Adaptadores para cargador de baterías 10 en 1.
27/10/2015
logo
Littelfuse
01500079Z LITTELFUSE-01500079Z Datasheet
164Kb / 1P
For Low Voltage 3AG or SFE Fuse Applications
01500079Z-ND LITTELFUSE-01500079Z-ND Datasheet
164Kb / 1P
For Low Voltage 3AG or SFE Fuse Applications
More results


Similar Description - 0150SC-1250M

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
UMIL25 ADPOW-UMIL25 Datasheet
536Kb / 4P
25 Watts, 28 Volts, Class AB Defcom 225 - 400 MHz
logo
GHz Technology
0105-100 GHZTECH-0105-100 Datasheet
285Kb / 2P
100 Watts, 28 Volts, Class AB Defcom 100 - 500 MHz
0510-50A GHZTECH-0510-50A Datasheet
290Kb / 2P
50 Watts, 28 Volts, Class AB Defcom 500 - 1000 MHz
VAM40 GHZTECH-VAM40 Datasheet
286Kb / 3P
40 Watts, 27 Volts, Class AB Defcom 100 - 150 MHz
VAM80 GHZTECH-VAM80 Datasheet
295Kb / 3P
80 Watts, 27 Volts, Class AB Defcom 100 - 150 MHz
VAM120 GHZTECH-VAM120 Datasheet
262Kb / 2P
120 Watts, 27 Volts, Class AB Defcom 100 - 150 MHz
logo
Microsemi Corporation
0405SC-1000M MICROSEMI-0405SC-1000M Datasheet
293Kb / 5P
1000Watts, 125 Volts, Class AB 406 to 450 MHz Silicon Carbide SIT
0405SC-1500M MICROSEMI-0405SC-1500M Datasheet
239Kb / 5P
1500Watts, 125 Volts, Class AB 406 to 450 MHz Silicon Carbide SIT
0405SC-1000M MICROSEMI-0405SC-1000M_10 Datasheet
210Kb / 4P
1000Watts, 125 Volts, Class AB 406 to 450 MHz Silicon Carbide SIT
0405SC-2200M MICROSEMI-0405SC-2200M Datasheet
233Kb / 5P
2200Watts, 125 Volts, Class AB 406 to 450 MHz Silicon Carbide SIT
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com