Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VAM80 Datasheet (PDF) - GHz Technology

VAM80 Datasheet PDF - GHz Technology
Part # VAM80
Download  VAM80 Download
File Size   295.45 Kbytes
Page   3 Pages
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology
Description 80 Watts, 27 Volts, Class AB Defcom 100 - 150 MHz

VAM80 Datasheet (PDF)

Go To PDF Page Download Datasheet
VAM80 Datasheet PDF - GHz Technology

Part # VAM80
Download  VAM80 Click to download

File Size   295.45 Kbytes
Page   3 Pages
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology
Description 80 Watts, 27 Volts, Class AB Defcom 100 - 150 MHz

VAM80 Datasheet (HTML) - GHz Technology


VAM80 Product details

GENERAL DESCRIPTION
The VAM 80 is a COMMON EMITTER, specifically designed for collector modulated operation in the VHF AM applications in the 100-150 MHz range.




Similar Part No. - VAM80

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VAM-3 MINI-VAM-3 Datasheet
202Kb / 4P
Monolithic Amplifier DC-2 GHz
logo
Festo Corporation.
VAM-40-V1/0-R1/8-E-RG FESTO-VAM-40-V1/0-R1/8-E-RG Datasheet
105Kb / 1P
Vacuum gauge
8/11/22
VAM-40-V1/0-R1/8-EN FESTO-VAM-40-V1/0-R1/8-EN Datasheet
105Kb / 2P
Vacuum gauge
8/11/22
logo
Mini-Circuits
VAM-6 MINI-VAM-6 Datasheet
201Kb / 4P
Monolithic Amplifier DC-2 GHz
logo
Festo Corporation.
VAM-63-V1/0-R1/4-E-RG FESTO-VAM-63-V1/0-R1/4-E-RG Datasheet
105Kb / 1P
Vacuum gauge
8/11/22
More results


Similar Description - VAM80

ManufacturerPart #DatasheetDescription
logo
GHz Technology
UMIL100A GHZTECH-UMIL100A Datasheet
133Kb / 2P
100 Watts, 28 Volts, Class AB Defcom 225 - 400 MHz
logo
Advanced Power Technolo...
UMIL25 ADPOW-UMIL25 Datasheet
536Kb / 4P
25 Watts, 28 Volts, Class AB Defcom 225 - 400 MHz
UMIL10 ADPOW-UMIL10 Datasheet
80Kb / 2P
100 Watts, 28 Volts, Class AB or C Defcom 100 - 400 MHz
logo
GHz Technology
0105-50 GHZTECH-0105-50 Datasheet
148Kb / 3P
50 Watts, 28 Volts, Class AB Defcom 100 - 500 MHz
0105-100 GHZTECH-0105-100 Datasheet
285Kb / 2P
100 Watts, 28 Volts, Class AB Defcom 100 - 500 MHz
UMIL80 GHZTECH-UMIL80 Datasheet
138Kb / 2P
80 Watts, 28 Volts, Class AB Defcom 200 - 500 MHz
UMIL100 GHZTECH-UMIL100 Datasheet
168Kb / 3P
100 Watts, 28 Volts, Class AB Defcom 225 - 400 MHz
VAM40 GHZTECH-VAM40 Datasheet
286Kb / 3P
40 Watts, 27 Volts, Class AB Defcom 100 - 150 MHz
VAM120 GHZTECH-VAM120 Datasheet
262Kb / 2P
120 Watts, 27 Volts, Class AB Defcom 100 - 150 MHz
VMIL100 GHZTECH-VMIL100 Datasheet
137Kb / 2P
100 Watts, 28 Volts, Class AB Defcom 100 - 200 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com