Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VAM80 Datasheet(PDF) 1 Page - GHz Technology

Part # VAM80
Description  80 Watts, 27 Volts, Class AB Defcom 100 - 150 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology

VAM80 Datasheet(HTML) 1 Page - GHz Technology

  VAM80 Datasheet HTML 1Page - GHz Technology VAM80 Datasheet HTML 2Page - GHz Technology VAM80 Datasheet HTML 3Page - GHz Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT
BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS,
THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
VAM 80
80 Watts, 27 Volts, Class AB
Defcom 100 - 150
MHz
GENERAL DESCRIPTION
The VAM 80 is a COMMON EMITTER, specifically designed for collector
modulated operation in the VHF AM applications in the 100-150 MHz range.
CASE OUTLINE
55HT, Style 2
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25 C
85 Watts
o
Maximum Voltage and Current
BVces
Collector to Emiter Voltage
60 Volts
BVebo
Emitter to Base Voltage
4.0 Volts
Ic
Collector Current
8.5 A
Maximum Temperatures
Storage Temperature
- 65 to +150 C
o
Operating Junction Temperature
+200 C
o
ELECTRICAL CHARACTERISTICS @ 25 C
O
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Pin
Pg
Pout
Pin
Pg
ηc
VSWR
Power Output
Power Input
Power Gain
Efficiency
Load Mismatch Tolerance
F = 150 MHz
Vcc =27V, 1 KHz, 50%
F = 150 MHz
Vcc = 13.5 Volts
Vcc = 13.5V, Po=20W
80
9.0
20
6.0
8
10
4.0
7.0
65
10
5.0
30:1
Watts
Watts
dB
Watts
Watts
dB
%
BVebo
BVces
BVceo
Cob
h
FE
θjc
Emitter to Base Breakdown
Collector to Emitter Breakdown
Collector to Emitter Breakdown
Output Capacitance
DC - Current Gain
Thermal Resistance
Ie = 5 mA
Ic = 20 mA
Ie = 50 mA
Vcb = 28 V, F = 1 MHz
Vce = 5 V, Ic = 1 mA
4.0
60
32
10
75
2.0
Volts
Volts
Volts
pF
C/W
o
Issue August 1996


Similar Part No. - VAM80

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VAM-3 MINI-VAM-3 Datasheet
202Kb / 4P
Monolithic Amplifier DC-2 GHz
logo
Festo Corporation.
VAM-40-V1/0-R1/8-E-RG FESTO-VAM-40-V1/0-R1/8-E-RG Datasheet
105Kb / 1P
Vacuum gauge
8/11/22
VAM-40-V1/0-R1/8-EN FESTO-VAM-40-V1/0-R1/8-EN Datasheet
105Kb / 2P
Vacuum gauge
8/11/22
logo
Mini-Circuits
VAM-6 MINI-VAM-6 Datasheet
201Kb / 4P
Monolithic Amplifier DC-2 GHz
logo
Festo Corporation.
VAM-63-V1/0-R1/4-E-RG FESTO-VAM-63-V1/0-R1/4-E-RG Datasheet
105Kb / 1P
Vacuum gauge
8/11/22
More results

Similar Description - VAM80

ManufacturerPart #DatasheetDescription
logo
GHz Technology
UMIL100A GHZTECH-UMIL100A Datasheet
133Kb / 2P
100 Watts, 28 Volts, Class AB Defcom 225 - 400 MHz
logo
Advanced Power Technolo...
UMIL25 ADPOW-UMIL25 Datasheet
536Kb / 4P
25 Watts, 28 Volts, Class AB Defcom 225 - 400 MHz
UMIL10 ADPOW-UMIL10 Datasheet
80Kb / 2P
100 Watts, 28 Volts, Class AB or C Defcom 100 - 400 MHz
logo
GHz Technology
0105-50 GHZTECH-0105-50 Datasheet
148Kb / 3P
50 Watts, 28 Volts, Class AB Defcom 100 - 500 MHz
0105-100 GHZTECH-0105-100 Datasheet
285Kb / 2P
100 Watts, 28 Volts, Class AB Defcom 100 - 500 MHz
UMIL80 GHZTECH-UMIL80 Datasheet
138Kb / 2P
80 Watts, 28 Volts, Class AB Defcom 200 - 500 MHz
UMIL100 GHZTECH-UMIL100 Datasheet
168Kb / 3P
100 Watts, 28 Volts, Class AB Defcom 225 - 400 MHz
VAM40 GHZTECH-VAM40 Datasheet
286Kb / 3P
40 Watts, 27 Volts, Class AB Defcom 100 - 150 MHz
VAM120 GHZTECH-VAM120 Datasheet
262Kb / 2P
120 Watts, 27 Volts, Class AB Defcom 100 - 150 MHz
VMIL100 GHZTECH-VMIL100 Datasheet
137Kb / 2P
100 Watts, 28 Volts, Class AB Defcom 100 - 200 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com