Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VAM80 Datasheet(PDF) 3 Page - GHz Technology

Part # VAM80
Description  80 Watts, 27 Volts, Class AB Defcom 100 - 150 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology

VAM80 Datasheet(HTML) 3 Page - GHz Technology

  VAM80 Datasheet HTML 1Page - GHz Technology VAM80 Datasheet HTML 2Page - GHz Technology VAM80 Datasheet HTML 3Page - GHz Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
VAM80
150 MHz TEST AMPLIFIER
C1
C2
C3
L1
L2
C10
L3
L4
L5
C4
C9
C8
C7
C6
C5
Vcc
C1, C2, C8, C9 ........... 4.40pF - compression Mica
C3 ............................ 10pF - uncased mica
C4 ............................ 250pF - uncased mica
C5 ............................ .01mf ceramic
C6 ............................ 1mf ceramic
C7 ............................ 1/0mf electrolytic
C10 .......................... 22pF - uncased mica
L1 ............................ 1/2" x 5/8" x .01" copper strap
L2 ............................ .68mh RFC
L3 ............................ 4 turns #16 3/16" I.D. -1/2" long
L4 ............................ 10mh RFC
L5 ............................ 1 1/2" x 3/16" x .01" copper strap
August 1996



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com