Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VCX162373FT Datasheet (PDF) - Toshiba Semiconductor

TC74VCX162373FT Datasheet PDF - Toshiba Semiconductor
Part # TC74VCX162373FT
Download  TC74VCX162373FT Download
File Size   363.94 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LOW VOLTAGE 16-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS

TC74VCX162373FT Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VCX162373FT Datasheet PDF - Toshiba Semiconductor

Part # TC74VCX162373FT
Download  TC74VCX162373FT Click to download

File Size   363.94 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LOW VOLTAGE 16-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS

TC74VCX162373FT Datasheet (HTML) - Toshiba Semiconductor


TC74VCX162373FT Product details

The TC74VCX162373FT is a high-performance CMOS 16-bit D-type latch. Designed for use in 1.8-V, 2.5-V or 3.3-V systems, it achieves high-speed operation while maintaining the CMOS low power dissipation. It is also designed with overvoltage tolerant inputs and outputs up to 3.6 V. The 26-Ω series resistor helps reducing output overshoot and undershoot without external resistor. All inputs are equipped with protection circuits against static discharge.

Features
• 26-Ω series resistors on outputs
• Low-voltage operation: VCC = 1.8 to 3.6 V
• High-speed operation: tpd = 3.3 ns (max) (VCC = 3.0 to 3.6 V)
: tpd = 4.5 ns (max) (VCC = 2.3 to 2.7 V)
: tpd = 5.8 ns (max) (VCC = 1.8 V)
• Output current : IOH/IOL = ±12 mA (min) (VCC = 3.0 V)
: IOH/IOL = ±8 mA (min) (VCC = 2.3 V)
: IOH/IOL = ±4 mA (min) (VCC = 1.8 V)
• Latch-up performance: −300 mA
• ESD performance: Machine model ≥ ±200 V
                    Human body model ≥ ±2000 V
• Package: TSSOP
• 3.6-V tolerant function and power-down protection provided on all inputs and outputs




Similar Part No. - TC74VCX162373FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX162373FT TOSHIBA-TC74VCX162373FT Datasheet
222Kb / 12P
Low-Voltage 16-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX162373FT TOSHIBA-TC74VCX162373FT_07 Datasheet
222Kb / 12P
Low-Voltage 16-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
More results


Similar Description - TC74VCX162373FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX162841FT TOSHIBA-TC74VCX162841FT Datasheet
383Kb / 11P
LOW VOLTAGE 20-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX162843FT TOSHIBA-TC74VCX162843FT Datasheet
398Kb / 11P
LOW VOLTAGE 18-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16373FT TOSHIBA-TC74VCX16373FT Datasheet
360Kb / 11P
LOW VOLTAGE 16-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16841FT TOSHIBA-TC74VCX16841FT Datasheet
379Kb / 11P
LOW VOLTAGE 20-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
27-Aug-1999
TC74VCX16843FT TOSHIBA-TC74VCX16843FT Datasheet
393Kb / 11P
LOW VOLTAGE 18-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
01-Oct-1999
TC74VCX2373FT TOSHIBA-TC74VCX2373FT Datasheet
341Kb / 9P
LOW VOLTAGE OCTAL D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX2573FT TOSHIBA-TC74VCX2573FT Datasheet
342Kb / 9P
LOW VOLTAGE OCTAL D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MA373FK TOSHIBA-TC7MA373FK Datasheet
332Kb / 9P
LOW-VOLTAGE OCTAL D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16373 FAIRCHILD-74ALVC16373 Datasheet
124Kb / 8P
Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX16373 FAIRCHILD-74VCX16373 Datasheet
125Kb / 10P
Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com