Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VCX16841FT Datasheet (PDF) - Toshiba Semiconductor

TC74VCX16841FT Datasheet PDF - Toshiba Semiconductor
Part # TC74VCX16841FT
Download  TC74VCX16841FT Download
File Size   379.19 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LOW VOLTAGE 20-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS

TC74VCX16841FT Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VCX16841FT Datasheet PDF - Toshiba Semiconductor

Part # TC74VCX16841FT
Download  TC74VCX16841FT Click to download

File Size   379.19 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LOW VOLTAGE 20-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS

TC74VCX16841FT Datasheet (HTML) - Toshiba Semiconductor


TC74VCX16841FT Product details

Low-Voltage 20-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs

The TC74VCX16841FT is a high-performance CMOS 20-bit D-type latch. Designed for use in 1.8-V, 2.5-V or 3.3-V systems, it achieves high-speed operation while maintaining the CMOS low power dissipation.
It is also designed with overvoltage tolerant inputs and outputs up to 3.6 V.
The TC74VCX16841FT can be used as two 10-bit latches or one 20-bit latch. The 20 latches are transparent D-type latches. The device has noninverting data (D) inputs and provides true data at its outputs. While the latch-enable (1LE or 2LE) input is high, the Q outputs of the corresponding 10-bit latch follow the D inputs. When LE is taken low, the Q outputs are latched at the levels set up at the D inputs. When the OE input is high, the outputs are in a high-impedance state. This device is designed to be used with 3-state memory address drivers, etc.
All inputs are equipped with protection circuits against static discharge.

Features
• Low-voltage operation: VCC = 1.8 to 3.6 V
• High-speed operation: tpd = 3.0 ns (max) (VCC = 3.0 to 3.6 V)
                                     : tpd = 3.4 ns (max) (VCC = 2.3 to 2.7 V)
                                     : tpd = 6.8 ns (max) (VCC = 1.8 V)
• Output current : IOH/IOL = ±24 mA (min) (VCC = 3.0 V)
                           : IOH/IOL = ±18 mA (min) (VCC = 2.3 V)
                           : IOH/IOL = ±6 mA (min) (VCC = 1.8 V)
• Latch-up performance: −300 mA
• ESD performance: Machine model ≥ ±200 V
                                 Human body model ≥ ±2000 V
• Package: TSSOP
• 3.6-V tolerant function and power-down protection provided on all inputs and outputs




Similar Part No. - TC74VCX16841FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX16841FT TOSHIBA-TC74VCX16841FT Datasheet
219Kb / 12P
Low-Voltage 20-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX16841FT TOSHIBA-TC74VCX16841FT_07 Datasheet
219Kb / 12P
Low-Voltage 20-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
More results


Similar Description - TC74VCX16841FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX162373FT TOSHIBA-TC74VCX162373FT Datasheet
363Kb / 10P
LOW VOLTAGE 16-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX162841FT TOSHIBA-TC74VCX162841FT Datasheet
383Kb / 11P
LOW VOLTAGE 20-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX162843FT TOSHIBA-TC74VCX162843FT Datasheet
398Kb / 11P
LOW VOLTAGE 18-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16373FT TOSHIBA-TC74VCX16373FT Datasheet
360Kb / 11P
LOW VOLTAGE 16-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16843FT TOSHIBA-TC74VCX16843FT Datasheet
393Kb / 11P
LOW VOLTAGE 18-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX2573FT TOSHIBA-TC74VCX2573FT Datasheet
342Kb / 9P
LOW VOLTAGE OCTAL D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MA373FK TOSHIBA-TC7MA373FK Datasheet
332Kb / 9P
LOW-VOLTAGE OCTAL D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16841 FAIRCHILD-74ALVC16841 Datasheet
95Kb / 6P
Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX16841 FAIRCHILD-74VCX16841 Datasheet
65Kb / 7P
Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX16841 FAIRCHILD-74VCX16841_04 Datasheet
146Kb / 9P
Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com