Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2729-170 Datasheet (PDF) - Microsemi Corporation

2729-170 Datasheet PDF - Microsemi Corporation
Part # 2729-170
Download  2729-170 Download
File Size   111.09 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 170 Watts, 38 Volts, 100關s, 10% Radar 2700-2900 MHz

2729-170 Datasheet (PDF)

Go To PDF Page Download Datasheet
2729-170 Datasheet PDF - Microsemi Corporation

Part # 2729-170
Download  2729-170 Click to download

File Size   111.09 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 170 Watts, 38 Volts, 100關s, 10% Radar 2700-2900 MHz

2729-170 Datasheet (HTML) - Microsemi Corporation


2729-170 Product details

GENERAL DESCRIPTION
The 2729-170 is an internally matched, COMMON BASE bipolar transistor capable of providing 170 Watts of pulsed RF output power at 100µs pulse width, 10% duty factor across the 2700 to 2900 MHz band. The transistor prematch and test fixture has been optimized through the use of Pulsed Automated Load Pull. This hermetically solder-sealed transistor is specifically designed for S-band radar applications. It utilizes gold metallization and emitter ballasting to provide high reliability and supreme ruggedness.




Similar Part No. - 2729-170

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
2729-170 ADPOW-2729-170 Datasheet
83Kb / 4P
170 Watts, 38 Volts, 100us, 10% 170 Watts, 38 Volts, 100짰, 10%
More results


Similar Description - 2729-170

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
2729-125 ADPOW-2729-125 Datasheet
293Kb / 4P
125 Watts, 36 Volts, 100us, 10% Radar 2700-2900 MHz
2729-170 ADPOW-2729-170 Datasheet
83Kb / 4P
170 Watts, 38 Volts, 100us, 10% 170 Watts, 38 Volts, 100짰, 10%
2931-150 ADPOW-2931-150 Datasheet
95Kb / 4P
150 Watts, 38 Volts, 50us, 4% Radar 2900-3100 MHz
logo
Microsemi Corporation
2731-100M MICROSEMI-2731-100M Datasheet
298Kb / 5P
100 Watts, 36 Volts, 200us, 10% Radar 2700-3100 MHz
3134-100 MICROSEMI-3134-100 Datasheet
303Kb / 5P
100 Watts, 36 Volts, 100關s, 10% Radar 3100-3400 MHz
logo
Advanced Power Technolo...
1214-110V ADPOW-1214-110V Datasheet
226Kb / 4P
110 Watts - 50 Volts, 330關s, 10% Radar 1200 - 1400 MHz
logo
Microsemi Corporation
1214-300V MICROSEMI-1214-300V Datasheet
219Kb / 4P
300 Watts - 50 Volts, 330關s, 10% Radar 1200 - 1400 MHz
2729-300P MICROSEMI-2729-300P Datasheet
358Kb / 2P
300 Watts - 100關s, 10%, 36V S-Band Pulsed Radar 2700 - 2900 MHz
2731-200P MICROSEMI-2731-200P Datasheet
365Kb / 2P
200 Watts - 200關s, 10%, 36V S-Band Pulsed Radar 2700 - 3100 MHz
3134-100M MICROSEMI-3134-100M Datasheet
85Kb / 4P
100 Watts, 36 Volts, 100關s, 10% Radar 3100-3400 MHz
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com