Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2731-200P Datasheet (PDF) - Microsemi Corporation

2731-200P Datasheet PDF - Microsemi Corporation
Part # 2731-200P
Download  2731-200P Download
File Size   365.72 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 200 Watts - 200關s, 10%, 36V S-Band Pulsed Radar 2700 - 3100 MHz

2731-200P Datasheet (PDF)

Go To PDF Page Download Datasheet
2731-200P Datasheet PDF - Microsemi Corporation

Part # 2731-200P
Download  2731-200P Click to download

File Size   365.72 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 200 Watts - 200關s, 10%, 36V S-Band Pulsed Radar 2700 - 3100 MHz

2731-200P Datasheet (HTML) - Microsemi Corporation


2731-200P Product details

GENERAL DESCRIPTION
The 2731-200P is a 50 ohm matched Power Solution Module (PSM), consists of two common base high power transistors, for S-Band pulsed Radar systems. This PSM is capable of providing 200 Watts of pulsed RF output power at two hundreds microsecond pulse width ten percent duty factor across 2700-3100 MHz. This PSM is designed with the plug-n-play concept which is extremely user friendly and requires no additional tuning and impedance matching from the customer. Mechanical Size is 2” x 1.41” x 0.21”

• Easy To Use – 50 Ω Plug-and-Play
• Reduce Design Cycle Time
• Improve System Performance
• Reduce System Size and Components




Similar Part No. - 2731-200P

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2731-20 MICROSEMI-2731-20 Datasheet
63Kb / 3P
20Watts, 36 Volts, 100us, 10% Radar 2700-3100 MHz
More results


Similar Description - 2731-200P

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2731-100M MICROSEMI-2731-100M Datasheet
298Kb / 5P
100 Watts, 36 Volts, 200us, 10% Radar 2700-3100 MHz
3134-100 MICROSEMI-3134-100 Datasheet
303Kb / 5P
100 Watts, 36 Volts, 100關s, 10% Radar 3100-3400 MHz
logo
HVVi Semiconductors, In...
HVV1214-025S HVVI-HVV1214-025S Datasheet
225Kb / 2P
L-Band Radar Pulsed Power Transistor 1200-1400 MHz, 200關s Pulse, 10% Duty
logo
Microsemi Corporation
1214-550P MICROSEMI-1214-550P Datasheet
84Kb / 2P
550 Watts - 300關s, 10%, 42V L-Band Pulsed Radar 1200 - 1400 MHz
1214-800P MICROSEMI-1214-800P Datasheet
83Kb / 2P
800 Watts - 300關s, 10%, 50V L-Band Pulsed Radar 1200 - 1400 MHz
2729-300P MICROSEMI-2729-300P Datasheet
358Kb / 2P
300 Watts - 100關s, 10%, 36V S-Band Pulsed Radar 2700 - 2900 MHz
3134-100M MICROSEMI-3134-100M Datasheet
85Kb / 4P
100 Watts, 36 Volts, 100關s, 10% Radar 3100-3400 MHz
3134-180P MICROSEMI-3134-180P Datasheet
83Kb / 2P
180 Watts - 100關s, 10%, 36V S-Band Pulsed Radar 3100 - 3400 MHz
3134-200P MICROSEMI-3134-200P Datasheet
83Kb / 2P
200 Watts - 100關s, 10%, 36V S-Band Pulsed Radar 3100 - 3400 MHz
3135GN-280LV MICROSEMI-3135GN-280LV Datasheet
145Kb / 4P
280 Watts • 50 Volts • 200 s, 20% S-Band Radar 3100 - 3500 MHz
Revision 1.0
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com