Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2731-20 Datasheet (PDF) - Microsemi Corporation

2731-20 Datasheet PDF - Microsemi Corporation
Part # 2731-20
Download  2731-20 Download
File Size   63.67 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 20Watts, 36 Volts, 100us, 10% Radar 2700-3100 MHz

2731-20 Datasheet (PDF)

Go To PDF Page Download Datasheet
2731-20 Datasheet PDF - Microsemi Corporation

Part # 2731-20
Download  2731-20 Click to download

File Size   63.67 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 20Watts, 36 Volts, 100us, 10% Radar 2700-3100 MHz

2731-20 Datasheet (HTML) - Microsemi Corporation


2731-20 Product details

GENERAL DESCRIPTION
The 2731-20is an internally matched, COMMON BASE bipolar transistor capable of providing 20Watts of pulsed RF output power at 100 pulse width, 10% duty factor across the 2700 to 3100 MHz band. The transistor prematch and test fixture has been optimized through the use of 10 Ohm TRL Analysis. This ceramic sealed transistor is specifically designed for S-band radar applications. It utilizes gold metallization and emitter ballasting to provide high reliability and supreme ruggedness.




Similar Part No. - 2731-20

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2731-200P MICROSEMI-2731-200P Datasheet
365Kb / 2P
200 Watts - 200關s, 10%, 36V S-Band Pulsed Radar 2700 - 3100 MHz
More results


Similar Description - 2731-20

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
1214-300 ADPOW-1214-300 Datasheet
621Kb / 3P
300 Watts - 50 Volts, 100us, 10% Radar 1200 1400 MHz
1517-20M ADPOW-1517-20M Datasheet
89Kb / 4P
20 Watts, 36 Volts, 200us, 10% Radar 1480 to 1650 MHz
2729-125 ADPOW-2729-125 Datasheet
293Kb / 4P
125 Watts, 36 Volts, 100us, 10% Radar 2700-2900 MHz
2931-150 ADPOW-2931-150 Datasheet
95Kb / 4P
150 Watts, 38 Volts, 50us, 4% Radar 2900-3100 MHz
logo
Microsemi Corporation
2731-100M MICROSEMI-2731-100M Datasheet
298Kb / 5P
100 Watts, 36 Volts, 200us, 10% Radar 2700-3100 MHz
3134-100 MICROSEMI-3134-100 Datasheet
303Kb / 5P
100 Watts, 36 Volts, 100關s, 10% Radar 3100-3400 MHz
2729-170 MICROSEMI-2729-170 Datasheet
111Kb / 4P
170 Watts, 38 Volts, 100關s, 10% Radar 2700-2900 MHz
2731-200P MICROSEMI-2731-200P Datasheet
365Kb / 2P
200 Watts - 200關s, 10%, 36V S-Band Pulsed Radar 2700 - 3100 MHz
3134-65M MICROSEMI-3134-65M Datasheet
71Kb / 4P
65Watts, 34 Volts, 200us, 10% Radar 3100-3400 MHz
3134-100M MICROSEMI-3134-100M Datasheet
85Kb / 4P
100 Watts, 36 Volts, 100關s, 10% Radar 3100-3400 MHz
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com