Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF141G Datasheet (PDF) - Microsemi Corporation

VRF141G Datasheet PDF - Microsemi Corporation
Part # VRF141G
Download  VRF141G Download
File Size   111.21 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RF POWER VERTICAL MOSFET

VRF141G Datasheet (PDF)

Go To PDF Page Download Datasheet
VRF141G Datasheet PDF - Microsemi Corporation

Part # VRF141G
Download  VRF141G Click to download

File Size   111.21 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RF POWER VERTICAL MOSFET

VRF141G Datasheet (HTML) - Microsemi Corporation


VRF141G Product details

The VRF141G is designed for broadband commercial and military applications at frequencies to 175MHz. The high power, high gain, and broadband performance of this device make possible solid state transmitters for FM broadcas or TV channel frequency bands.



FEATURES

• Improved Ruggedness V(BR)DSS = 80V

• 300W with 14dB Typical Gain @ 175MHz, 28V

• Excellent Stability & Low IMD

• Common Source Configuration

• RoHS Compliant

• 5:1 Load VSWR Capability at Specified Operating Conditions

• Nitride Passivated

• Refractory Gold Metallization

• High Voltage Replacement for MRF141G



 




Similar Part No. - VRF141G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VRF141 MICROSEMI-VRF141 Datasheet
233Kb / 5P
RF POWER VERTICAL MOSFET
VRF141 MICROSEMI-VRF141 Datasheet
253Kb / 5P
RF POWER VERTICAL MOSFET
VRF141MP MICROSEMI-VRF141MP Datasheet
253Kb / 5P
RF POWER VERTICAL MOSFET
VRF141 MICROSEMI-VRF141_10 Datasheet
253Kb / 5P
RF POWER VERTICAL MOSFET
More results


Similar Description - VRF141G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VRF151E MICROSEMI-VRF151E Datasheet
129Kb / 4P
RF POWER VERTICAL MOSFET
VRF152E MICROSEMI-VRF152E Datasheet
121Kb / 4P
RF POWER VERTICAL MOSFET
VRF190E MICROSEMI-VRF190E Datasheet
118Kb / 4P
RF POWER VERTICAL MOSFET
VRF157FL MICROSEMI-VRF157FL Datasheet
120Kb / 4P
RF POWER VERTICAL MOSFET
VRF148A MICROSEMI-VRF148A_10 Datasheet
200Kb / 5P
RF POWER VERTICAL MOSFET
VRF150 MICROSEMI-VRF150_10 Datasheet
151Kb / 5P
RF POWER VERTICAL MOSFET
VRF2933 MICROSEMI-VRF2933_10 Datasheet
124Kb / 5P
RF POWER VERTICAL MOSFET
VRF151E MICROSEMI-VRF151E_10 Datasheet
139Kb / 5P
RF POWER VERTICAL MOSFET
VRF152 MICROSEMI-VRF152_10 Datasheet
123Kb / 5P
RF POWER VERTICAL MOSFET
VRF154FL MICROSEMI-VRF154FL_10 Datasheet
143Kb / 5P
RF POWER VERTICAL MOSFET
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com