Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF141G Datasheet(PDF) 3 Page - Microsemi Corporation

Part # VRF141G
Description  RF POWER VERTICAL MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VRF141G Datasheet(HTML) 3 Page - Microsemi Corporation

  VRF141G Datasheet HTML 1Page - Microsemi Corporation VRF141G Datasheet HTML 2Page - Microsemi Corporation VRF141G Datasheet HTML 3Page - Microsemi Corporation VRF141G Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
10-5
10-4
10-3
10-2
10
1.0
-1
0.5
SINGLE PULSE
0.1
0.3
0.7
0.05
D = 0.9
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:
t1 = Pulse Duration
RECTANGULAR PULSE DURATION (seconds)
Figure 5. Maximum Effective Transient Thermal Impedance Junction-to-Case vs Pulse Duration
Typical Performance Curves
VRF141G
Figure 7. 175 MHz T est Circuit
C1 - Arco 402, 1.5 ±20 pF
C2 - Arco 406, 15 ±115 pF
C3, C4, C8, C9, C10 - 1000 pF Chip
C5, C11 - 0.1 mF Chip
C6 - 330 pF Chip
C7 - 200 pF and 180 pF Chips in Parallel
C12 - 0.47 mF Ceramic Chip, Kemet 1215 or Equivalent
C13 - Arco 403, 3.0 ±35 pF
L1 - 10 T urns AWG #16 Enameled Wire,
Close Wound, 1/4, I.D.
L2 - Ferrite Beads of Suitable Material for
1.5±2.0 mH Total Inductance
R1 - 100 Ohms, 1/2 W
R2 - 1.0 kOhm, 1/2 W
Unless Otherwise Noted, All Chip Capacitors are ATC
Type 100B or Equivalent.
T1 - 9:1 RF Transformer. Can be made of 15±18 Ohms
Semirigid Co-ax, 62 ±90 Mils O.D.
T2 - 1:9 RF Transformer . Can be made of 15±18 Ohms
Semirigid Co-ax, 70 ±90 Mils O.D.
,
Board Material - 0.062
Fiberglass (G10),
1 oz. Copper Clad, 2 Sides, er = 5
NOTE: For stability, the input transformer T1 must be loaded
with ferrite toroids or beads to increase the common
mode inductance. For operation below 100 MHz. The
same is required for the output transformer.
See pictures for construction details.
-
DUT
Connections to
low impedance
windings
9:1
Impedance
ratio
4:1
Impedance
ratio
High
impedance
windings
Center
tap
Center
tap
28V
Output
L1
L2
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
T2
C13
Bias 0-6V
R1
R2
T1
Input
+



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com