Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73M2901CE-IM/F Datasheet (PDF) - Teridian Semiconductor Corporation

73M2901CE-IM/F Datasheet PDF - Teridian Semiconductor Corporation
Part # 73M2901CE-IM/F
Download  73M2901CE-IM/F Download
File Size   277.66 Kbytes
Page   22 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Single Chip Modem

73M2901CE-IM/F Datasheet (PDF)

Go To PDF Page Download Datasheet
73M2901CE-IM/F Datasheet PDF - Teridian Semiconductor Corporation

Part # 73M2901CE-IM/F
Download  73M2901CE-IM/F Click to download

File Size   277.66 Kbytes
Page   22 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Single Chip Modem

73M2901CE-IM/F Datasheet (HTML) - Teridian Semiconductor Corporation


73M2901CE-IM/F Product details

DESCRIPTION

The 73M2901CE low speed modem integrates a data pump, controller, and analog front end in a 3.3 V device with a powerful "AT" command host interface.  The modem reduces external component count/cost by incorporating many features like parallel phone detect, Line-In-Use and Ring detection in software without requiring additional omponents.



FEATURES

•  True one chip solution for embedded systems

•  As low as 9.5 mA operating with standby and power down mode available

•  Power supply operation from 3.6 V to 2.7 V

•  Data modes and speeds:

   V.22bis – 2400 bps

   V.22/Bell212 – 1200 bps

   V.21/Bell103 – 300 bps

   V.23 – 1200/75 bps (with PAVI turnaround)

   Bell202 – 1200 bps

   Bell202/V23 1200 bps FDX 4-wire operation

•  V.22/Bell 212A/V.22bis synchronous modes

•  International Call Progress support:

FCC part 68, CTR21, JATE, etc.

•  DTMF generation and detection

•  Worldwide Caller ID capability

U.S. Type I and II support

•  EIA 777A compliant

•  SIA-2000 compliant

•  SMS messaging support

•  On chip hybrid driver

•  Blacklisting capability

•  Line-In-Use and Parallel Pick-Up (911) detection with voltage or low cost energy detection method

•  Incoming ring energy detection through CID path; no optocoupler circuitry required

•  Manufacturing Self Test capability

•  Backward compatible with 73M2901CL

•  Packaging: 32 lead QFN, 32-pin TQFP




Similar Part No. - 73M2901CE-IM/F

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73M2901CE-IM/F TERIDIAN-73M2901CE-IM/F Datasheet
525Kb / 27P
V.22bis Single Chip Modem
January 2010
More results


Similar Description - 73M2901CE-IM/F

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K222AU TDK-73K222AU Datasheet
728Kb / 40P
Single-Chip Modem Modem with UART
logo
List of Unclassifed Man...
73M2921 ETC-73M2921 Datasheet
222Kb / 41P
Advanced Single Chip Modem
logo
TDK Electronics
73K302L TDK-73K302L Datasheet
282Kb / 29P
Single-Chip Modem
73M2901 TDK-73M2901 Datasheet
316Kb / 17P
Advanced Single Chip Modem
logo
Teridian Semiconductor ...
73K222AL TERIDIAN-73K222AL Datasheet
277Kb / 27P
Single-Chip Modem
73K222BL TERIDIAN-73K222BL Datasheet
173Kb / 26P
Single-Chip Modem
73K224L TERIDIAN-73K224L Datasheet
248Kb / 31P
Single-Chip Modem
73K324L TERIDIAN-73K324L Datasheet
244Kb / 30P
Single-Chip Modem
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
Single-Chip 300-Baud Modem
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE_V01 Datasheet
525Kb / 27P
V.22bis Single Chip Modem
January 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com