Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73S8014RT Datasheet (PDF) - Teridian Semiconductor Corporation

73S8014RT Datasheet PDF - Teridian Semiconductor Corporation
Part # 73S8014RT
Download  73S8014RT Download
File Size   454.75 Kbytes
Page   29 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Smart Card Interface

73S8014RT Datasheet (PDF)

Go To PDF Page Download Datasheet
73S8014RT Datasheet PDF - Teridian Semiconductor Corporation

Part # 73S8014RT
Download  73S8014RT Click to download

File Size   454.75 Kbytes
Page   29 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Smart Card Interface

73S8014RT Datasheet (HTML) - Teridian Semiconductor Corporation


73S8014RT Product details

DESCRIPTION
The Teridian 73S8014RT is a single smart card (ICC) interface circuit. It is derived from the 73S8024RN industry-standard electrical interface but adds support for 1.8V smart card applications. The 73S8014RT has been optimized to match most of the typical Set-Top Box / A/V Conditional Access applications.
Optimization essentially involved a smaller pin-count and support for single I/O.
   
FEATURES
• Card Interface:
    ▪ Complies with ISO 7816-3, EMV 4.0
    ▪ 73S801RT device supports 3V / 5V cards up to
        65mA and 1.8V up to 40mA
    ▪ ISO 7816-3 Activation / Deactivation sequencer
    ▪ Automated deactivation upon hardware fault (i.e.
        upon drop on VDD power supply or card
        overcurrent)
    ▪ The VDD voltage supervisor threshold value (fault)
        can be externally adjusted
    ▪ Over-current detection 130mA max
    ▪ Card CLK clock frequency up to 20MHz
• System Controller Interface:
    ▪ 3 Digital inputs control the card activation /
        deactivation, card reset and card voltage
    ▪ 2 Digital inputs control the card clock frequency
    ▪ 1 Digital output, interrupt to the system controller,
        reports to the host the card presence and faults
    ▪ Crystal oscillator or host clock, up to 27MHz
• Regulator Power Supply:
    ▪ 4.75V to 5.5V (EMV 4.0)
• Digital Interfacing: 2.7V to 5.5V
• 6kV ESD protection on the card interface
• Package: SO 20-pin
• RoHS compliant (6/6) lead-free package
   
APPLICATIONS
• Set-Top Box Conditional Access and Pay-perView
• General purpose smart card readers
   




Similar Part No. - 73S8014RT

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73S8014R TERIDIAN-73S8014R Datasheet
382Kb / 29P
Smart Card Interface
73S8014R-IL/F TERIDIAN-73S8014R-IL/F Datasheet
382Kb / 29P
Smart Card Interface
73S8014R-ILR/F TERIDIAN-73S8014R-ILR/F Datasheet
382Kb / 29P
Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
Smart Card Interface
73S8014RN-IL/F TERIDIAN-73S8014RN-IL/F Datasheet
395Kb / 28P
Smart Card Interface
More results


Similar Description - 73S8014RT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
SMART CARD INTERFACE
Dec-1992
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
Smart Card Interface
Rev 1; 2/08
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
Smart Card Interface
logo
Maxim Integrated Produc...
DS8313 MAXIM-DS8313 Datasheet
273Kb / 18P
Smart Card Interface
Rev 1; 5/09
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
Smart Card Interface
logo
Maxim Integrated Produc...
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
Smart Card Interface
Rev 2; 12/11
DS8024 MAXIM-DS8024 Datasheet
308Kb / 15P
Smart Card Interface
Rev 2; 2/12
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
Smart Card Interface
Rev 1; 4/13
logo
Teridian Semiconductor ...
73S8024C TERIDIAN-73S8024C Datasheet
483Kb / 22P
Smart Card Interface
April 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com