Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8024 Datasheet (PDF) - Maxim Integrated Products

DS8024 Datasheet PDF - Maxim Integrated Products
Part # DS8024
Download  DS8024 Download
File Size   308.97 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Smart Card Interface

DS8024 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS8024 Datasheet PDF - Maxim Integrated Products

Part # DS8024
Download  DS8024 Click to download

File Size   308.97 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Smart Card Interface

DS8024 Datasheet (HTML) - Maxim Integrated Products


DS8024 Product details

General Description
The DS8024 smart card interface IC is a low-cost, analog front-end for a smart card reader, designed for all ISO 7816, EMV®, and GSM11-11 applications. The DS8024 is a pin-for-pin drop-in replacement for the NXP TDA8024 and is offered in 28-pin TSSOP and SO packages.
Applications requiring support for 1.8V smart cards or requiring low power should consider the DS8113, which achieves lower active- and stop-mode power with minimal changes to application hardware and software.

Features
♦ Analog Interface and Level Shifting for IC Card Communication
♦ ±8kV (min) ESD (IEC) Protection on Card Interfaces
♦ Internal IC Card Supply-Voltage Generation:
    5.0V ±5%, 80mA (max)
    3.0V ±8%, 65mA (max)
♦ Automatic Card Activation and Deactivation Controlled by Dedicated Internal Sequencer
♦ I/O Lines from Host Directly Level Shifted for Smart Card Communication
♦ Flexible Card Clock Generation, Supporting External Crystal Frequency Divided by 1, 2, 4, or 8
♦ High-Current, Short-Circuit and High-Temperature Protection

Applications
    Set-Top Box Conditional Access
    Access Control
    Banking Applications
    POS Terminals
    Debit/Credit Payment Terminals
    PIN Pads
    Automated Teller Machines
    Telecommunications
    Pay/Premium Television




Similar Part No. - DS8024

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS8024 MAXIM-DS8024 Datasheet
356Kb / 15P
Smart Card Interface
Rev 3; 7/12
DS8024 MAXIM-DS8024 Datasheet
256Kb / 15P
Smart Card Interface
19-6220; Rev 4; 4/13
DS8024-RJX+ MAXIM-DS8024-RJX+ Datasheet
356Kb / 15P
Smart Card Interface
Rev 3; 7/12
DS8024-RJX+ MAXIM-DS8024-RJX+ Datasheet
256Kb / 15P
Smart Card Interface
19-6220; Rev 4; 4/13
DS8024-RJX/V+ MAXIM-DS8024-RJX/V+ Datasheet
356Kb / 15P
Smart Card Interface
Rev 3; 7/12
More results


Similar Description - DS8024

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
SMART CARD INTERFACE
Dec-1992
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
Smart Card Interface
Rev 1; 2/08
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
Smart Card Interface
logo
Maxim Integrated Produc...
DS8313 MAXIM-DS8313 Datasheet
273Kb / 18P
Smart Card Interface
Rev 1; 5/09
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
Smart Card Interface
logo
NXP Semiconductors
TDA8034T NXP-TDA8034T Datasheet
791Kb / 29P
Smart card interface
Rev. 2.0-12 November 2010
logo
Maxim Integrated Produc...
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
Smart Card Interface
Rev 2; 12/11
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
Smart Card Interface
Rev 1; 4/13
logo
Teridian Semiconductor ...
73S8024C TERIDIAN-73S8024C Datasheet
483Kb / 22P
Smart Card Interface
April 2009
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com