Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8024 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS8024
Description  Smart Card Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8024 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS8024 Datasheet HTML 1Page - Maxim Integrated Products DS8024 Datasheet HTML 2Page - Maxim Integrated Products DS8024 Datasheet HTML 3Page - Maxim Integrated Products DS8024 Datasheet HTML 4Page - Maxim Integrated Products DS8024 Datasheet HTML 5Page - Maxim Integrated Products DS8024 Datasheet HTML 6Page - Maxim Integrated Products DS8024 Datasheet HTML 7Page - Maxim Integrated Products DS8024 Datasheet HTML 8Page - Maxim Integrated Products DS8024 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Smart Card Interface
4
_______________________________________________________________________________________
RECOMMENDED DC OPERATING CONDITIONS (continued)
(VDD = +3.3V, VDDA = +5.0V, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DATA LINES (I/O AND I/OIN)
I/O
I/OIN Falling Edge Delay
tD(IO-IOIN)
(Note 3)
200
ns
Pullup Pulse Active Time
tPU
(Note 3)
100
ns
Maximum Frequency
fIOMAX
1
MHz
Input Capacitance
CI
(Note 3)
10
pF
I/O, AUX1, AUX2 PINS
Output Low Voltage
VOL_IO1
IOL_IO = 1mA
0
0.3
V
Output Current
IOL_IO1
VOL_IO = 0V
0
-1
mA
Card-Inactive Mode
Internal Pullup
Resistor
RPU_IO
To VCC
9
11
19
k
Output Low Voltage
VOL_IO2
IOL_IO = 1mA
0
0.3
V
Output High
Voltage
VOH_IO2
IOH_IO = < -40µA (3V/5V)
0.75 x VCC
VCC
V
Output Rise/Fall
Time
tOT
CL = 30pF (Note 3)
0.1
µs
Input Low Voltage
VIL_IO
-0.3
+0.8
Input High Voltage
VIH_IO
1.5
VCC
V
Input Low Current
IIL_IO
VIL_IO = 0V
700
µA
Input High Current
IIH_IO
VIH_IO = VCC
20
µA
Input Rise/Fall Time
tIT
(Note 3)
1.2
µs
Current Limitation
IIO(LIMIT)
CL = 30pF
-15
+15
mA
Card-Active Mode
Current When
Pullup Active
IPU
CL = 80pF, VOH = 0.9 x VDD
(Note 3)
-1
mA
I/OIN, AUX1IN, AUX2IN PINS
Output Low Voltage
VOL
IOL = 1mA
0
0.3
V
Output High Voltage
VOH
IOH < -40µA
0.75 x
VDD
VDD +
0.1
V
Output Rise/Fall Time
tOT
CL = 30pF, 10% to 90% (Note 3)
0.1
µs
Input Low Voltage
VIL
-0.3
0.3 x
VDD
V
Input High Voltage
VIH
0.7 x
VDD
VDD +
0.3
V
Input Low Current
IIL_IO
VIL = 0V
600
µA
Input High Current
IIH_IO
VIH = VDD
10
µA
Input Rise/Fall Time
tIT
VIL to VIH (Note 3)
1.2
µs
Integrated Pullup Resistor
RPU
Pullup to VDD
9
11
13
k
Current When Pullup Active
IPU
CL = 30pF, VOH = 0.9 x VDD
(Note 3)
-1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com