Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73S8024RN-IL/F Datasheet (PDF) - Teridian Semiconductor Corporation

73S8024RN-IL/F Datasheet PDF - Teridian Semiconductor Corporation
Part # 73S8024RN-IL/F
Download  73S8024RN-IL/F Download
File Size   383.99 Kbytes
Page   27 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Low Cost Smart Card Interface

73S8024RN-IL/F Datasheet (PDF)

Go To PDF Page Download Datasheet
73S8024RN-IL/F Datasheet PDF - Teridian Semiconductor Corporation

Part # 73S8024RN-IL/F
Download  73S8024RN-IL/F Click to download

File Size   383.99 Kbytes
Page   27 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Low Cost Smart Card Interface

73S8024RN-IL/F Datasheet (HTML) - Teridian Semiconductor Corporation


73S8024RN-IL/F Product details

DESCRIPTION
The Teridian 73S8024RN is a single smart card (ICC) interface IC that can be controlled by a dedicated control bus. The 73S8024RN has been designed to provide full electrical compliance with ISO-7816-3, EMV 4.0 (EMV2000) and NDS specifications.
   
FEATURES
• Card Interface:
    ▪ Complies with ISO-7816-3, EMV 4.0 and NDS
    ▪ A LDO voltage regulator provides 3V / 5V to the card
        from an external power supply input
    ▪ Provides at least 90mA to the card
    ▪ ISO-7816-3 Activation / Deactivation sequencer with
        emergency automated deactivation on card removal
        or fault detected by the protection circuitry
    ▪ Protection includes 3 voltage supervisors that detect
        voltage drops on VCC (card), VDD (digital)**, and VPC
        (regulator) power supplies
    ▪ The VDD voltage supervisor threshold value can be
        externally adjusted**
    ▪ Over-current detection 150mA max
    ▪ Card clock stop high or low*
    ▪ 2 card detection inputs, 1 for each possible user
        polarity
    ▪ Auxiliary I/O lines, for C4 / C8 contact signals*
    ▪ Card CLK clock frequency up to 20MHz
• System Controller Interface:
    ▪ 3 Digital inputs control the card activation /
        deactivation, card reset and card voltage
    ▪ 4 Digital inputs control the card clock (division rate
        and card clock stop modes)
    ▪ 1 Digital output, interrupt to the system controller,
        allows the system controller to monitor the card
        presence and faults.
    ▪ Crystal oscillator or host clock, up to 27MHz
• Regulator Power Supply:
    ▪ 4.75V to 5.5V (EMV 4.0)
    ▪ 4.85V to 5.5V (NDS)
• Digital Interfacing: 2.7V to 5.5V
• 6kV ESD Protection on the card interface
• Package: SO28, 20QFN or 32QFN
   
APPLICATIONS
• Set-Top-Box Conditional Access and Pay-per
    View
• Point of Sales and Transaction Terminals
• Control Access and Identification
   




Similar Part No. - 73S8024RN-IL/F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
73S8024RN-IL/F MAXIM-73S8024RN-IL/F Datasheet
459Kb / 27P
Low-Cost Smart Card Interface
Rev 2; 6/12
More results


Similar Description - 73S8024RN-IL/F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
Smart Card Interface
Rev 1; 2/08
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
Smart Card Interface
logo
Teridian Semiconductor ...
73S8009R TERIDIAN-73S8009R Datasheet
348Kb / 23P
Low Cost Versatile Smart Card Interface
73S8010R TERIDIAN-73S8010R Datasheet
349Kb / 24P
Low Cost Smart Card Interface
logo
ON Semiconductor
NCN6024 ONSEMI-NCN6024 Datasheet
223Kb / 15P
Compact and Low Cost Smart Card Interface IC
July, 2009 ??Rev. 1
logo
Maxim Integrated Produc...
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
Smart Card Interface
Rev 2; 12/11
logo
NXP Semiconductors
LPC11U00 PHILIPS-LPC11U00 Datasheet
551Kb / 2P
Low-cost Cortex-M0 USB solutions with Smart Card interface
April 2011
logo
Maxim Integrated Produc...
73S8024RN MAXIM-73S8024RN Datasheet
459Kb / 27P
Low-Cost Smart Card Interface
Rev 2; 6/12
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
Smart Card Interface
Rev 1; 4/13
logo
Teridian Semiconductor ...
73S8010R TERIDIAN-73S8010R_V01 Datasheet
348Kb / 25P
Low Cost Smart Card Interface
August 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com