Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73S8024RN-IL/F Datasheet(PDF) 10 Page - Teridian Semiconductor Corporation

Part # 73S8024RN-IL/F
Description  Low Cost Smart Card Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73S8024RN-IL/F Datasheet(HTML) 10 Page - Teridian Semiconductor Corporation

Back Button 73S8024RN-IL/F Datasheet HTML 6Page - Teridian Semiconductor Corporation 73S8024RN-IL/F Datasheet HTML 7Page - Teridian Semiconductor Corporation 73S8024RN-IL/F Datasheet HTML 8Page - Teridian Semiconductor Corporation 73S8024RN-IL/F Datasheet HTML 9Page - Teridian Semiconductor Corporation 73S8024RN-IL/F Datasheet HTML 10Page - Teridian Semiconductor Corporation 73S8024RN-IL/F Datasheet HTML 11Page - Teridian Semiconductor Corporation 73S8024RN-IL/F Datasheet HTML 12Page - Teridian Semiconductor Corporation 73S8024RN-IL/F Datasheet HTML 13Page - Teridian Semiconductor Corporation 73S8024RN-IL/F Datasheet HTML 14Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
73S8024RN Data Sheet
DS_8024RN_020
10
Rev. 1.8
7 Activation Sequence
The 73S8024RN smart card interface IC has an internal 10ms delay at power on reset or on the
application of VDD > VDDF. No activation is allowed at this time. The CMDVCC (edge triggered) must then
be set low to activate the card. In order to initiate activation, the card must be present; there can be no
over-temperature fault or no VDD fault.
The following steps show the activation sequence and the timing of the card control signals when the
system controller sets
CMDVCC low while the RSTIN is low:
•
CMDVCC is set low.
•
Next, the internal VCC control circuit checks the presence of VCC at the end of t1. In normal operation,
the voltage VCC to the card becomes valid during t1. If VCC does not become valid, the OFF goes low
to report a fault to the system controller, and the power VCC to the card is shut off.
•
Turn I/O (AUX1, AUX2) to reception mode at the end of (t2).
•
CLK is applied to the card at the end of (t3).
•
RST is a copy of RSTIN after (t4). RSTIN may be set high before t4, however the sequencer will not
set RST high until 42000 clock cycles after the start of CLK.
CMDVCC
VCC
I/O
CLK
RSTIN
t
1
t
2
t
3
t
4
RST
t1 = 0.510 ms (timing by 1.5MHz internal Oscillator)
t2 = 1.5μs, I/O goes to reception state
t3 = >0.5μs, CLK starts
t4 ≥ 42000 card clock cycles. Time for RST to become the copy of RSTIN
Figure 2: Activation Sequence – RSTIN Low When
CMDVCC Goes Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com