Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45FM03B Datasheet (PDF) - Holtek Semiconductor Inc

HT45FM03B Datasheet PDF - Holtek Semiconductor Inc
Part # HT45FM03B
Download  HT45FM03B Download
File Size   559.14 Kbytes
Page   83 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Brushless DC Motor Flash Type 8-Bit MCU

HT45FM03B Datasheet (PDF)

Go To PDF Page Download Datasheet
HT45FM03B Datasheet PDF - Holtek Semiconductor Inc

Part # HT45FM03B
Download  HT45FM03B Click to download

File Size   559.14 Kbytes
Page   83 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Brushless DC Motor Flash Type 8-Bit MCU

HT45FM03B Datasheet (HTML) - Holtek Semiconductor Inc


HT45FM03B Product details

General Description
The HT45FM03B is 8-bit, high performance, RISC architecture microcontroller device which includes a host of fully integrated special features specifically designed for brushless DC motor applications.

Features
• Operating voltage: fSYS= 0.4~20MHz: 4.5V~5.5V
• 26 bidirectional I/O lines
• External interrupt inputs shared with 4 I/O lines
• 8-bit programmable Timer/Event Counter with overflow interrupt and 7-stage prescaler
• 16-bit programmable Timer/Event Counter with overflow interrupt and 7-stage prescaler
• 4096x15 Flash Program Memory
• 192x8 Data Memory RAM
• On-chip crystal, internal RC and external RC oscillator
• Fully integrated internal RC oscillator with three fixed frequencies: 12MHz, 16MHz or 20MHz
• Watchdog Timer function
• PFD for audio frequency generation
• Power down and wake-up functions to reduce power consumption
• Up to 0.2μs instruction cycle with 20MHz system clock at VDD=5V
• 8-level subroutine nesting
• 8 channel 12-bit resolution A/D converter
• 3 pairs of 10-bit PWM with complementary outputs shared with six I/O lines and with 3 PWM duty control registers
• Bit manipulation instruction
• Table read instructions
• 63 powerful instructions
• All instructions in one or two machine cycles
• Low voltage reset function
• Low voltage detect function
• Integrated operational Amplifier
• Integrated Analog Comparator with interrupt function
• Flash program memory can be re-programmed yp to 100,000 times
• Flash program memory data retention > 10 years
• ICP (In-Circuit Programming) interface
• 28-pin SOP package




Similar Part No. - HT45FM03B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45FM03B HOLTEK-HT45FM03B Datasheet
642Kb / 83P
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM03B HOLTEK-HT45FM03B_10 Datasheet
642Kb / 83P
Brushless DC Motor Flash Type 8-Bit MCU
More results


Similar Description - HT45FM03B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45RM03 HOLTEK-HT45RM03 Datasheet
426Kb / 54P
Brushless DC Motor Type 8-Bit OTP MCU
February 16, 2007
HT68F03M HOLTEK-HT68F03M Datasheet
125Kb / 13P
1.5V Battery Flash Type 8-Bit MCU with EEPROM & DC-DC Converter
HT45FM03B HOLTEK-HT45FM03B_10 Datasheet
642Kb / 83P
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C HOLTEK-HT45FM2C Datasheet
5Mb / 171P
Brushless DC Motor Flash Type 8-Bit MCU
HT45FH3T HOLTEK-HT45FH3T Datasheet
4Mb / 131P
3D Glasses 8-bit Flash Type MCU
HT66FM5230 HOLTEK-HT66FM5230 Datasheet
5Mb / 176P
Brushless DC Motor Flash Type 8-Bit MCU
May 13, 2013
HT45FM30 HOLTEK-HT45FM30 Datasheet
6Mb / 188P
Brushless DC Motor Flash MCU
December 16, 2016
HT66FM5242 HOLTEK-HT66FM5242 Datasheet
6Mb / 169P
Brushless DC Motor Flash MCU
January 11, 2017
HT66FM5240 HOLTEK-HT66FM5240 Datasheet
6Mb / 190P
Brushless DC Motor Flash MCU
HT66FM5440 HOLTEK-HT66FM5440 Datasheet
7Mb / 218P
Brushless DC Motor A/D Flash MCU
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com