Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45FM2C Datasheet (PDF) - Holtek Semiconductor Inc

HT45FM2C Datasheet PDF - Holtek Semiconductor Inc
Part # HT45FM2C
Download  HT45FM2C Download
File Size   5837.05 Kbytes
Page   171 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Brushless DC Motor Flash Type 8-Bit MCU

HT45FM2C Datasheet (PDF)

Go To PDF Page Download Datasheet
HT45FM2C Datasheet PDF - Holtek Semiconductor Inc

Part # HT45FM2C
Download  HT45FM2C Click to download

File Size   5837.05 Kbytes
Page   171 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Brushless DC Motor Flash Type 8-Bit MCU

HT45FM2C Datasheet (HTML) - Holtek Semiconductor Inc


HT45FM2C Product details

General Description

This device is Flash Memory with 8-bit high performance RISC architecture microcontroller device

which includes a host of fully integrated special features specifically designed for the brushless DC

motor applications.



Features

CPU Features

•  Operating Voltage:

♦ fSYS=32kHz ~ 20MHz: 4.5V~5.5V

•  Up to 0.2μs instruction cycle with 20MHz system clock at VDD=5V

•  Power down and wake-up functions to reduce power consumption

•  Two oscillators:

♦ Internal 20MHz RC - HIRC

♦ Internal 32kHz RC - LIRC

•  Multi-mode operation: NORMAL, SLOW, IDLE and SLEEP

•  All instructions executed in one or two instruction cycles

•  Table read instructions

•  63 powerful instructions

•  Up to 8-level subroutine nesting

•  Bit manipulation instruction

Peripheral Features

•  Flash Program Memory: 4K×15

•  RAM Data Memory: 256×8

•  EEPROM Memory: 128×8

•  Watchdog Timer function

•  Up to 28 bidirectional I/O lines

•  Six pin-shared external interrupts

•  Support IR cord Noise Filter function

•  Four 10-bit CTMs for Buzzer, RMT, up/down or left/right fan-head

•  Single 16-bit CTM for BLDC sensorless application

•  Single 16-bit CAPTM for motor protect

•  Two 8-bit RMTs for IR decode

•  A pair of 10-bit PWM with comlementary outputs for BLDC application

•  9-channel 10-bit resolution A/D converter

•  Time-Base function for generation of fixed time interrupt signal

•  Single operational Amplifier for current detect

•  Two comparators with interrupt functions

•  Dual 8-bit D/A Converter

•  Low voltage reset function

•  Low voltage detect function

•  Package types: 16-pin NSOP, 28-pin SOP/SSOP/SKDIP, 44-pin QFP




Similar Part No. - HT45FM2C

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45FM03B HOLTEK-HT45FM03B Datasheet
559Kb / 83P
Brushless DC Motor Flash Type 8-Bit MCU
December 16, 2009
HT45FM03B HOLTEK-HT45FM03B Datasheet
642Kb / 83P
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM03B HOLTEK-HT45FM03B_10 Datasheet
642Kb / 83P
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM30 HOLTEK-HT45FM30 Datasheet
6Mb / 188P
Brushless DC Motor Flash MCU
December 16, 2016
More results


Similar Description - HT45FM2C

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45RM03 HOLTEK-HT45RM03 Datasheet
426Kb / 54P
Brushless DC Motor Type 8-Bit OTP MCU
February 16, 2007
HT45FM03B HOLTEK-HT45FM03B Datasheet
559Kb / 83P
Brushless DC Motor Flash Type 8-Bit MCU
December 16, 2009
HT68F03M HOLTEK-HT68F03M Datasheet
125Kb / 13P
1.5V Battery Flash Type 8-Bit MCU with EEPROM & DC-DC Converter
HT45FM03B HOLTEK-HT45FM03B_10 Datasheet
642Kb / 83P
Brushless DC Motor Flash Type 8-Bit MCU
HT45FH3T HOLTEK-HT45FH3T Datasheet
4Mb / 131P
3D Glasses 8-bit Flash Type MCU
HT66FM5230 HOLTEK-HT66FM5230 Datasheet
5Mb / 176P
Brushless DC Motor Flash Type 8-Bit MCU
May 13, 2013
HT45FM30 HOLTEK-HT45FM30 Datasheet
6Mb / 188P
Brushless DC Motor Flash MCU
December 16, 2016
HT66FM5242 HOLTEK-HT66FM5242 Datasheet
6Mb / 169P
Brushless DC Motor Flash MCU
January 11, 2017
HT66FM5240 HOLTEK-HT66FM5240 Datasheet
6Mb / 190P
Brushless DC Motor Flash MCU
HT66FM5440 HOLTEK-HT66FM5440 Datasheet
7Mb / 218P
Brushless DC Motor A/D Flash MCU
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com