Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C534 Datasheet (PDF) - Powerbox

C534 Datasheet PDF - Powerbox
Part # C534
Download  C534 Download
File Size   405.25 Kbytes
Page   1 Pages
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox
Description 250 WATTS (AC) DC/D CSINGLE OUTPUT

C534 Datasheet (PDF)

Go To PDF Page Download Datasheet
C534 Datasheet PDF - Powerbox

Part # C534
Download  C534 Click to download

File Size   405.25 Kbytes
Page   1 Pages
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox
Description 250 WATTS (AC) DC/D CSINGLE OUTPUT

C534 Datasheet (HTML) - Powerbox


C534 Product details

250 WATTS (AC) DC/DC SINGLE OUTPUT

Features
• Single Output
• 3U x 21(24)TE x 166.5mm(24TE for 5V outputs)
• Weight 1.7kg




Similar Part No. - C534

ManufacturerPart #DatasheetDescription
logo
AUK corp
C5343 AUK-C5343 Datasheet
231Kb / 4P
NPN Silicon Transistor (General small signal amplifier)
C5344 AUK-C5344 Datasheet
215Kb / 4P
NPN Silicon Transistor (Audio power amplifier application)
logo
Cree, Inc
C534T-WLN CREE-C534T-WLN Datasheet
845Kb / 9P
Cree짰 5mm Round LED
C534T-WLN-CQ0S0151 CREE-C534T-WLN-CQ0S0151 Datasheet
845Kb / 9P
Cree짰 5mm Round LED
More results


Similar Description - C534

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL0603 WALL-PSRL0603 Datasheet
380Kb / 5P
Single Output Up to 250 Watts AC/DC Switching Power Supply
logo
Powerbox
C600 POWERBOX-C600 Datasheet
501Kb / 1P
500 WATTS (AC) DC/D CSINGLE OUTPUT
C2600 POWERBOX-C2600 Datasheet
427Kb / 1P
700/800 WATTS (AC) DC/D CSINGLE OUTPUT
C3600 POWERBOX-C3600 Datasheet
381Kb / 1P
1700 WATTS (AC) DC/D CSINGLE OUTPUT
C3700 POWERBOX-C3700 Datasheet
302Kb / 1P
1250 WATTS (AC) DC/D CSINGLE OUTPUT
C4700 POWERBOX-C4700 Datasheet
528Kb / 2P
2500 WATTS (AC) DC/D CSINGLE OUTPUT
C5100 POWERBOX-C5100 Datasheet
880Kb / 2P
5000 WATTS (AC) DC/D CSINGLE OUTPUT
C6400 POWERBOX-C6400 Datasheet
370Kb / 1P
22000 WATTS (AC) DC/D CSINGLE OUTPUT
PSC600 POWERBOX-PSC600 Datasheet
315Kb / 2P
250 - 800 WATTS DC/DC SINGLE OUTPUT
PSE250 POWERBOX-PSE250 Datasheet
235Kb / 2P
150 - 250 WATTS DC/DC SINGLE OUTPUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com