Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5343 Datasheet (PDF) - AUK corp

C5343 Datasheet PDF - AUK corp
Part # C5343
Download  C5343 Download
File Size   231.4 Kbytes
Page   4 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description NPN Silicon Transistor (General small signal amplifier)

C5343 Datasheet (PDF)

Go To PDF Page Download Datasheet
C5343 Datasheet PDF - AUK corp

Part # C5343
Download  C5343 Click to download

File Size   231.4 Kbytes
Page   4 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description NPN Silicon Transistor (General small signal amplifier)

C5343 Datasheet (HTML) - AUK corp


C5343 Product details

Description

• General small signal amplifier



Features

• Low collector saturation voltage : VCE(sat)=0.25V(Max.)

• Low output capacitance : Cob=2pF(Typ.)

• Complementary pair with 2SA1980




Similar Part No. - C5343

ManufacturerPart #DatasheetDescription
logo
Powerbox
C534 POWERBOX-C534 Datasheet
405Kb / 1P
250 WATTS (AC) DC/D CSINGLE OUTPUT
logo
AUK corp
C5344 AUK-C5344 Datasheet
215Kb / 4P
NPN Silicon Transistor (Audio power amplifier application)
logo
Cree, Inc
C534T-WLN CREE-C534T-WLN Datasheet
845Kb / 9P
Cree짰 5mm Round LED
C534T-WLN-CQ0S0151 CREE-C534T-WLN-CQ0S0151 Datasheet
845Kb / 9P
Cree짰 5mm Round LED
More results


Similar Description - C5343

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SA1980E AUK-2SA1980E Datasheet
236Kb / 4P
PNP Silicon Transistor (General small signal amplifier)
2SA1980M AUK-2SA1980M Datasheet
223Kb / 4P
PNP Silicon Transistor (General small signal amplifier)
2SA1980UF AUK-2SA1980UF Datasheet
225Kb / 4P
PNP Silicon Transistor (General small signal amplifier)
2SC5343E AUK-2SC5343E Datasheet
94Kb / 4P
NPN Silicon Transistor (General small signal amplifier)
2SC5343EF AUK-2SC5343EF Datasheet
221Kb / 4P
NPN Silicon Transistor (General small signal amplifier)
2SC5343M AUK-2SC5343M Datasheet
214Kb / 4P
NPN Silicon Transistor (General small signal amplifier)
2SC5343SF AUK-2SC5343SF Datasheet
214Kb / 4P
NPN Silicon Transistor (General small signal amplifier)
2SC5343U AUK-2SC5343U Datasheet
214Kb / 4P
NPN Silicon Transistor (General small signal amplifier)
2SC5343UF AUK-2SC5343UF Datasheet
214Kb / 4P
NPN Silicon Transistor (General small signal amplifier)
logo
NTE Electronics
2N2222A NTE-2N2222A Datasheet
66Kb / 2P
Silicon NPN Transistor Small Signal General Purpose Amplifier & Switch
More results




About AUK corp


AUK corp is a Taiwan-based semiconductor company that specializes in the design, development, and manufacturing of discrete semiconductor components, including diodes, transistors, and MOSFETs. The company was founded in 1991 and is headquartered in New Taipei City, Taiwan.

AUK's products are used in a wide range of applications, including automotive, communications, computing, and consumer electronics. The company's product portfolio includes a variety of diodes, such as switching, zener, and Schottky diodes, as well as MOSFETs and bipolar transistors.

AUK is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, AUK is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com