Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1306 Datasheet (PDF) - JMK Inc.

1306 Datasheet PDF - JMK Inc.
Part # 1306
Download  1306 Download
File Size   74.14 Kbytes
Page   1 Pages
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.
Description Operating voltage = 115/250 Vac Operating current = 20, 30 Amp

1306 Datasheet (PDF)

Go To PDF Page Download Datasheet
1306 Datasheet PDF - JMK Inc.

Part # 1306
Download  1306 Click to download

File Size   74.14 Kbytes
Page   1 Pages
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.
Description Operating voltage = 115/250 Vac Operating current = 20, 30 Amp

1306 Datasheet (HTML) - JMK Inc.


1306 Product details

The 1306 filter is the same as the 1151 series with the addition of transient suppression devices. It is very useful in power control systems operating in very noisy environ ments. The filter is also useful in any systems using switched mode power supplies. For the system with a space problem this filter has the maximum insertion loss provided in a very small package.



Operating voltage = 115/250 Vac

Operating current = 20, 30 Amp

Operating frequency = 50/60Hz

Operating temperature = -20o to 50o C

Transient suppression = 354—432 volts

Maximum transient energy = 40 joules

Leakage current = 3.5 ma at 250 Vac, 60 Hz

Max residual voltage after 1 sec. = 30 Volts



 




Similar Part No. - 1306

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1306 ETC-1306 Datasheet
138Kb / 2P
200 V - 1,000 V Single Phase Bridge
logo
Voltage Multipliers Inc...
1306 VMI-1306 Datasheet
142Kb / 2P
200 V - 1,000 V Single Phase Bridge 4.5 A - 5.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
Electronic Film Capacit...
1306 EFC-1306 Datasheet
58Kb / 9P
POLYESTER (MYLAR) and FOIL
logo
List of Unclassifed Man...
1306 ETC2-1306 Datasheet
448Kb / 4P
Hinged top panel for 352HL and 352HS
logo
CEE Norm UK Ltd
1306 CEENORM-1306 Datasheet
1Mb / 4P
Socket Outlets
More results


Similar Description - 1306

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
1174 JMK-1174 Datasheet
52Kb / 1P
Operating Voltage = 115/250 Vac Operating Current Max= 10 amps
1182 JMK-1182 Datasheet
157Kb / 1P
Operating Voltage= 115/250 Vac OperatingCurrentMax= 20, 30amp
AA-0221-20 JMK-AA-0221-20 Datasheet
255Kb / 1P
Operating voltage = 115/250 Vac Operating current = 20 Amp
AA-0221-20B JMK-AA-0221-20B Datasheet
227Kb / 1P
Operating voltage = 115/250 Vac Operating current = 20 Amp
EA-1013-12A JMK-EA-1013-12A Datasheet
32Kb / 1P
Operating Voltage= 115/250 Vac OperatingCurrentMax= 12 amp
HH-0828-1.5 JMK-HH-0828-1.5 Datasheet
106Kb / 1P
Operating Voltage = 115 / 250 V~ Operating Current = 1.5 Amp
KK-0332-30 JMK-KK-0332-30 Datasheet
64Kb / 1P
Operating Voltage= 250/440 Vac Operating Current Max= 30 amp/Ph
LL-0221-20 JMK-LL-0221-20 Datasheet
63Kb / 1P
Operating Voltage = 115/250 V~ Operating Current = 20 Amps
LL-0221-30 JMK-LL-0221-30 Datasheet
60Kb / 1P
Operating Voltage = 115-250 Vac Operating Current = 30 Amperes
ZF-1543-3.5B JMK-ZF-1543-3.5B Datasheet
29Kb / 1P
Operating Voltage = 115 / 250 VAC Operating Current = 3.5 Ampere
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com