Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1306 Datasheet (PDF) - Electronic Film Capacitors, Inc.

1306 Datasheet PDF - Electronic Film Capacitors, Inc.
Part # 1306
Download  1306 Download
File Size   58.32 Kbytes
Page   9 Pages
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.
Description POLYESTER (MYLAR) and FOIL

1306 Datasheet (PDF)

Go To PDF Page Download Datasheet
1306 Datasheet PDF - Electronic Film Capacitors, Inc.

Part # 1306
Download  1306 Click to download

File Size   58.32 Kbytes
Page   9 Pages
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.
Description POLYESTER (MYLAR) and FOIL

1306 Datasheet (HTML) - Electronic Film Capacitors, Inc.


1306 Product details

EFC Series 1306 are polyester and foil capacitors. This series offers the advantage of small size and low cost, dv/dt ratings in excess of 1000 V/µs. Suggested applications include: medical electronics, telecommunications. Packaging options include: wrap and fill (TF, TC), radial lead box (EFR), axial lead (EC, EF).

SPECIFICATIONS

1. TEMPERATURE RANGE
- 55 OC to + 85 OC at rated voltage. To 105 OC with 50% voltage derating.
2. CAPACITANCE
Capacitors < 1.0 MFD shall be measured at 1 KHz + 20 HZ.. Capacitors >1.0 MFD shall be measured at 60 HZ. Measurements shall be taken at 25 OC.
3. DIELECTRIC STRENGTH
At 25 OC, 200% of rated voltage when applied terminal to terminal for one minute through a current limiting resistance.
4. INSULATION RESISTANCE
At 25 OC after 2 minutes charge time at rated voltage or 500 VDC, whichever is less, the minimum IR shall be 50,000 Megohm-Microfarads, but need not exceed
100,000 Megohms.
5. HUMIDITY RESISTANCE
Series 1306 shall meet the requirements of MIL-STD. 202C, Method 103B.
6. DISSIPATION FACTOR
Shall be 0.6% max. when measured as in Par. 2.
7. LIFE TEST
Will withstand the application of 140% rated voltage at +85 0C for 250 hours with not more than one failure in 12 permitted.




Similar Part No. - 1306

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1306 ETC-1306 Datasheet
138Kb / 2P
200 V - 1,000 V Single Phase Bridge
logo
Voltage Multipliers Inc...
1306 VMI-1306 Datasheet
142Kb / 2P
200 V - 1,000 V Single Phase Bridge 4.5 A - 5.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
JMK Inc.
1306 JMK-1306 Datasheet
74Kb / 1P
Operating voltage = 115/250 Vac Operating current = 20, 30 Amp
logo
List of Unclassifed Man...
1306 ETC2-1306 Datasheet
448Kb / 4P
Hinged top panel for 352HL and 352HS
logo
CEE Norm UK Ltd
1306 CEENORM-1306 Datasheet
1Mb / 4P
Socket Outlets
More results


Similar Description - 1306

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
MLR274K100 NTE-MLR274K100 Datasheet
26Kb / 2P
MYLAR/POLYESTER FILM
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
Polyester and Polypropylene Film/Foil Capacitors
logo
Electronic Film Capacit...
1306DFR EFC-1306DFR Datasheet
14Kb / 1P
Polyester (Mylar) and Foil Capacitors
1306EC EFC-1306EC Datasheet
12Kb / 1P
Polyester (Mylar) and Foil Capacitors
1306EF EFC-1306EF Datasheet
12Kb / 1P
Polyester (Mylar) and Foil Capacitors
1306EFRA EFC-1306EFRA Datasheet
14Kb / 1P
Polyester (Mylar) and Foil Capacitors
1306EFRB EFC-1306EFRB Datasheet
15Kb / 1P
Polyester (Mylar) and Foil Capacitors
1306TC EFC-1306TC Datasheet
12Kb / 1P
Polyester (Mylar) and Foil Capacitors
1306TF EFC-1306TF Datasheet
13Kb / 1P
Polyester (Mylar) and Foil Capacitors
logo
jb Capacitors Company
JFA JBCAPACITORS-JFA_16 Datasheet
201Kb / 1P
Mylar Polyester Film Capacitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com