Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCD1209D Datasheet (PDF) - Toshiba Semiconductor

TCD1209D Datasheet PDF - Toshiba Semiconductor
Part # TCD1209D
Download  TCD1209D Download
File Size   385.12 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CCD LINEAR IMAGE SENSOR

TCD1209D Datasheet (PDF)

Go To PDF Page Download Datasheet
TCD1209D Datasheet PDF - Toshiba Semiconductor

Part # TCD1209D
Download  TCD1209D Click to download

File Size   385.12 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CCD LINEAR IMAGE SENSOR

TCD1209D Datasheet (HTML) - Toshiba Semiconductor


TCD1209D Product details

CCD LINEAR IMAGE SENSOR  

CCD (Charge Coupled Device)



The TCD1209D is a high speed and low dark current 2048 elements CCD image sensor.

The sensor is designed for facsimile, imagescanner and OCR. The device contains a row of 2048 elements photodiodes which provide a 8 lines / mm (200 DPI) across a B4 size paper. The device

is operated by 5 V (pulse), and 12 V power supply.



FEATURES

Number of Image Sensing Elements : 2048 elements

Image Sensing Element Size : 14 µm by 14 µm on 14 µm centers

Photo Sensing Region  :  High sensitive and low voltage dark signal pn photodiode

Clock  : 2 phase (5 V)

Package  : 22pin Cerdip




Similar Part No. - TCD1209D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD1209DG TOSHIBA-TCD1209DG Datasheet
177Kb / 2P
2048-elements, for optical character reader(OCR) and fax machines
More results


Similar Description - TCD1209D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
CCD LINEAR IMAGE SENSOR
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
CCD LINEAR IMAGE SENSOR
TCD1500C TOSHIBA-TCD1500C Datasheet
469Kb / 13P
CCD LINEAR IMAGE SENSOR
TCD1501C TOSHIBA-TCD1501C Datasheet
450Kb / 12P
CCD LINEAR IMAGE SENSOR
TCD1703C TOSHIBA-TCD1703C Datasheet
423Kb / 11P
CCD LINEAR IMAGE SENSOR
TCD1705D TOSHIBA-TCD1705D Datasheet
405Kb / 11P
CCD LINEAR IMAGE SENSOR
TCD2300C TOSHIBA-TCD2300C Datasheet
558Kb / 14P
CCD LINEAR IMAGE SENSOR
TCD2503C TOSHIBA-TCD2503C Datasheet
466Kb / 12P
CCD LINEAR IMAGE SENSOR
TCD2701C TOSHIBA-TCD2701C Datasheet
495Kb / 13P
CCD LINEAR IMAGE SENSOR
logo
ON Semiconductor
KLI-2104 ONSEMI-KLI-2104 Datasheet
279Kb / 22P
Linear CCD Image Sensor
April, 2015 ??Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com