Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCD1305 Datasheet (PDF) - Toshiba Semiconductor

TCD1305 Datasheet PDF - Toshiba Semiconductor
Part # TCD1305
Download  TCD1305 Download
File Size   638.13 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CCD LINEAR IMAGE SENSOR

TCD1305 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCD1305 Datasheet PDF - Toshiba Semiconductor

Part # TCD1305
Download  TCD1305 Click to download

File Size   638.13 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CCD LINEAR IMAGE SENSOR

TCD1305 Datasheet (HTML) - Toshiba Semiconductor


TCD1305 Product details

The TCD1305P is a high sensitive and low dark current 3648−elements linear image sensor. The sensor can be used for POS handscanner. The device is consist of sensitivity CCD chip. The TCD1305P has electronic shutter function (ICG). Electronic shutter function can keep always output voltage constant that vary with the intensity of lights.



FEATURES

Pixel Number : 3648

Pixel Size : 8 µm by 64 µm

Photo Sensing Region

   : High Sensitive & Low Dark Current pn Photodiode

Internal Circuit : CCD Drive Circuit

Power Supply : Only 5.0V Drive

Function : Electronic Shutter

   Sample and Hold Circuit

Package : 22 Pin DIP (T−CAPP) TOSHIBA−CCD−ADVANCED−PLASTIC−PACK AGE




Similar Part No. - TCD1305

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD1305DG TOSHIBA-TCD1305DG Datasheet
166Kb / 2P
3648-elements, embedded electronic shutter function, for barcode scanner.
More results


Similar Description - TCD1305

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
CCD LINEAR IMAGE SENSOR
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
CCD LINEAR IMAGE SENSOR
TCD1500C TOSHIBA-TCD1500C Datasheet
469Kb / 13P
CCD LINEAR IMAGE SENSOR
TCD1501C TOSHIBA-TCD1501C Datasheet
450Kb / 12P
CCD LINEAR IMAGE SENSOR
TCD1703C TOSHIBA-TCD1703C Datasheet
423Kb / 11P
CCD LINEAR IMAGE SENSOR
TCD1705D TOSHIBA-TCD1705D Datasheet
405Kb / 11P
CCD LINEAR IMAGE SENSOR
TCD2300C TOSHIBA-TCD2300C Datasheet
558Kb / 14P
CCD LINEAR IMAGE SENSOR
TCD2503C TOSHIBA-TCD2503C Datasheet
466Kb / 12P
CCD LINEAR IMAGE SENSOR
TCD2701C TOSHIBA-TCD2701C Datasheet
495Kb / 13P
CCD LINEAR IMAGE SENSOR
logo
ON Semiconductor
KLI-2104 ONSEMI-KLI-2104 Datasheet
279Kb / 22P
Linear CCD Image Sensor
April, 2015 ??Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com