Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD62706 Datasheet (PDF) - Toshiba Semiconductor

TD62706 Datasheet PDF - Toshiba Semiconductor
Part # TD62706
Download  TD62706 Download
File Size   288.01 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 6CH HIGH-VOLTAGE SOURCE-CURRENT DRIVER

TD62706 Datasheet (PDF)

Go To PDF Page Download Datasheet
TD62706 Datasheet PDF - Toshiba Semiconductor

Part # TD62706
Download  TD62706 Click to download

File Size   288.01 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 6CH HIGH-VOLTAGE SOURCE-CURRENT DRIVER

TD62706 Datasheet (HTML) - Toshiba Semiconductor


TD62706 Product details

6CH HIGH−VOLTAGE SOURCE−CURRENT DRIVER

The TD62706P−H and TD62706FA−H are comprised of six source current Transistor Arrays.
These drivers are specifically designed for fluorescent display applications.
For proper operation, the substrate (SUB) must be connected to the most negative voltage.
Please observe the thermal condition for using.

FEATURES
● Package Type
    P−H Type : DIP16pin
    FA−H Type : SSOP16pin (1.0 mm pitch)
● High Output Voltage : VCC − VOUT = 60 V (MIN)
● Output Current (Single Output) : IOUT = −50 mA (MAX)
● Input Compatible with Various Types of Logic : RIN = 10 kΩ
● Wide operating temperature range. : Topr = −40~105°C




Similar Part No. - TD62706

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62706 TOSHIBA-TD62706 Datasheet
259Kb / 7P
6CH HIGH-VOLTAGE SOURCE DRIVER
TD62706F TOSHIBA-TD62706F Datasheet
259Kb / 7P
6CH HIGH-VOLTAGE SOURCE DRIVER
TD62706P TOSHIBA-TD62706P Datasheet
259Kb / 7P
6CH HIGH-VOLTAGE SOURCE DRIVER
More results


Similar Description - TD62706

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62309P TOSHIBA-TD62309P Datasheet
248Kb / 7P
6CH LOW SATURATION HIGH-CURRENT SING DRIVER
TD62703P TOSHIBA-TD62703P Datasheet
208Kb / 6P
6CH HIGH VOLTAGE SOURCE DRIVER
TD62705P TOSHIBA-TD62705P Datasheet
259Kb / 7P
6CH HIGH-VOLTAGE SOURCE DRIVER
TD62783AFN TOSHIBA-TD62783AFN Datasheet
230Kb / 7P
8CH HIGH-VOLTAGE HIGH SOURCE-CURRENT DRIVER
TD62786AFN TOSHIBA-TD62786AFN Datasheet
210Kb / 6P
8CH HIGH-VOLTAGE SOURCE-CURRENT DRIVER
logo
Sanyo Semicon Device
LB1745 SANYO-LB1745 Datasheet
52Kb / 2P
Octal High-Voltage,Current-Source Output Driver
logo
Allegro MicroSystems
2944 ALLEGRO-2944 Datasheet
195Kb / 8P
QUAD HIGH-CURRENT, HIGH-VOLTAGE SOURCE DRIVER
logo
Micrel Semiconductor
MIC2981 MICREL-MIC2981 Datasheet
31Kb / 4P
High-Voltage High-Current Source Driver Array Preliminary Information
logo
Toshiba Semiconductor
TD62783AFNG TOSHIBA-TD62783AFNG Datasheet
331Kb / 10P
8CH HIGH−VOLTAGE HIGH SOURCE−CURRENT DRIVER
logo
Micrel Semiconductor
MIC2981 MICREL-MIC2981_05 Datasheet
444Kb / 4P
High-Voltage High-Current Source Driver Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com