Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD62706 Datasheet (PDF) - Toshiba Semiconductor

TD62706 Datasheet PDF - Toshiba Semiconductor
Part # TD62706
Download  TD62706 Download
File Size   259.22 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 6CH HIGH-VOLTAGE SOURCE DRIVER

TD62706 Datasheet (PDF)

Go To PDF Page Download Datasheet
TD62706 Datasheet PDF - Toshiba Semiconductor

Part # TD62706
Download  TD62706 Click to download

File Size   259.22 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 6CH HIGH-VOLTAGE SOURCE DRIVER

TD62706 Datasheet (HTML) - Toshiba Semiconductor


TD62706 Product details

6CH HIGH−VOLTAGE SOURCE DRIVER

The TD62705P, TD62705F and TD62706P, TD62706F are comprised of six source current transistor array.
These drivers are specifically designed for fluorescent display applications.
For proper operation, the substrate (SUB) must be connected to the most negative voltage.

FEATURES
● High output voltage : VCC − VOUT = 60 V (Min)
● Output current (single output) : IOUT = −50 mA (Max)
● Input compatible with various types of logic
    TD62705P, TD62705F RIN = 47 kΩ : 6~25 V PMOS, CMOS
    TD62706P, TD62706F RIN = 10 kΩ : TTL, 5 V CMOS
● Package type−P : DIP−16 pin
● Package type−F : SOP−16 pin




Similar Part No. - TD62706

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62706 TOSHIBA-TD62706 Datasheet
288Kb / 8P
6CH HIGH-VOLTAGE SOURCE-CURRENT DRIVER
TD62706A-H TOSHIBA-TD62706A-H Datasheet
288Kb / 8P
6CH HIGH-VOLTAGE SOURCE-CURRENT DRIVER
TD62706P-H TOSHIBA-TD62706P-H Datasheet
288Kb / 8P
6CH HIGH-VOLTAGE SOURCE-CURRENT DRIVER
More results


Similar Description - TD62706

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62703P TOSHIBA-TD62703P Datasheet
208Kb / 6P
6CH HIGH VOLTAGE SOURCE DRIVER
TD62706P-H TOSHIBA-TD62706P-H Datasheet
288Kb / 8P
6CH HIGH-VOLTAGE SOURCE-CURRENT DRIVER
TD62771AP TOSHIBA-TD62771AP Datasheet
172Kb / 5P
7CH HIGH-VOLTAGE SOURCE DRIVER
TD62781AP TOSHIBA-TD62781AP Datasheet
228Kb / 6P
8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783 TOSHIBA-TD62783 Datasheet
272Kb / 8P
8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783784AP TOSHIBA-TD62783784AP Datasheet
206Kb / 9P
8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783AP TOSHIBA-TD62783AP Datasheet
277Kb / 8P
8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783APA TOSHIBA-TD62783APA Datasheet
203Kb / 6P
8CH HIGH-VOLTAGE SOURCE DRIVER
TD62786AP TOSHIBA-TD62786AP Datasheet
262Kb / 7P
8CH HIGH-VOLTAGE SOURCE DRIVER
logo
Mitsubishi Electric Sem...
M63001FP MITSUBISHI-M63001FP Datasheet
87Kb / 10P
6CH ACTUATOR DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com