Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSDL-3201 Datasheet (PDF) - Lite-On Technology Corporation

HSDL-3201 Datasheet PDF - Lite-On Technology Corporation
Part # HSDL-3201
Download  HSDL-3201 Download
File Size   1290.76 Kbytes
Page   20 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver

HSDL-3201 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSDL-3201 Datasheet PDF - Lite-On Technology Corporation

Part # HSDL-3201
Download  HSDL-3201 Click to download

File Size   1290.76 Kbytes
Page   20 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver

HSDL-3201 Datasheet (HTML) - Lite-On Technology Corporation


HSDL-3201 Product details

Description
The HSDL-3201 is one of a new generation of low-cost Infrared (IR) transceiver modules from Avago Technologies. It features the smallest footprint in the industry at 2.5 H x 8.0 W x 3.0 D mm. Although the supply voltage can range from 2.7 V to 3.6 V, the LED drive current is internally compensated to a constant 32 mA to assure that link distances meet the IrDA Data 1.4 (low power) physical layer specifications.

Features
• Ultra small surface mount package
• Minimal height: 2.5 mm
• VCC from 2.7 to 3.6 volts
• Withstands > 100 mVp-p power supply ripple
• LED supply voltage can range from 2.7 to 6.0 volts
• Low shutdown current – 20 nA typical
• Lead-free and RoHS compliant
• Complete shutdown – TxD, RxD, PIN diode
• One optional external component
• Temperature range: -25°C to 85°C
• 32 mA LED drive current
• Integrated EMI shield
• IEC825-1 Class 1 eye safe
• Edge detection input
– Prevents the LED from long turn on time

Applications
• Mobile telecom
    – Cellular phones
    – Pagers
    – Smart phones
• Data communication
    – PDAs
    – Portable printers
• Digital imaging
    – Digital cameras
    – Photo-imaging printers




Similar Part No. - HSDL-3201

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results


Similar Description - HSDL-3201

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3610 AVAGO-HSDL-3610 Datasheet
1Mb / 26P
IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3202 HP-HSDL-3202 Datasheet
284Kb / 16P
IrDA짰 Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3612 LITEON-HSDL-3612 Datasheet
1Mb / 25P
IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com