Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSDL-3612 Datasheet (PDF) - Lite-On Technology Corporation

HSDL-3612 Datasheet PDF - Lite-On Technology Corporation
Part # HSDL-3612
Download  HSDL-3612 Download
File Size   1303.76 Kbytes
Page   25 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver

HSDL-3612 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSDL-3612 Datasheet PDF - Lite-On Technology Corporation

Part # HSDL-3612
Download  HSDL-3612 Click to download

File Size   1303.76 Kbytes
Page   25 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver

HSDL-3612 Datasheet (HTML) - Lite-On Technology Corporation


HSDL-3612 Product details

Description
The HSDL-3612 is a low-profile infrared transceiver module that provides interface between logic and IR signals for through-air, serial, half-duplex IR data link.
The module is compliant to IrDA Data Physical Layer Specifications 1.4 and IEC825-Class 1 Eye Safe.

Features
• Fully compliant to IrDA 1.0 physical layer specifications – 9.6 kb/s to 115.2 kb/s operation
• Typical link distance > 1.5 m
• IEC825-Class 1 eye safe
• Low power operation range – 2.7 V to 5.25 V
• Small module size – 4.0 x 12.2 x 5.1 mm (HxWxD)
• Complete shutdown – TXD, RXD, PIN diode
• Low shutdown current – 10 nA typical
• Adjustable optical power management – Adjustable LED drive-current to maintain link integrity
• Integrated EMI shield – Excellent noise immunity
• Edge detection input – Prevents the LED from long turn-on time
• Interface to various super I/O and controller devices
• Designed to accommodate light loss with cosmetic window
• Only 2 external components are required
• Pb-free and EU RoHS compliant


Applications
• Digital imaging 
    – Digital still cameras     
    – Photo-imaging printers
• Data communication     
    – Notebook computers     
    – Desktop PCs     
    – Win CE handheld products   
    – Personal Digital Assistants (PDAs)   
    – Printers       
    – Fax machines, photocopiers   
    – Screen projectors     
    – Auto PCs       
    – Dongles       
    – Set-Top box
• Telecommunication products   
    – Cellular phones     
    – Pagers
• Small industrial & medical instrumentation 
    – General data collection devices
    – Patient & pharmaceutical data collection devices




Similar Part No. - HSDL-3612

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3612 HP-HSDL-3612 Datasheet
356Kb / 25P
IrDA Data Compliant 115.2kb/s 3V to 5V Infrared Transceiver
HSDL-3612-007 HP-HSDL-3612-007 Datasheet
356Kb / 25P
IrDA Data Compliant 115.2kb/s 3V to 5V Infrared Transceiver
HSDL-3612-008 HP-HSDL-3612-008 Datasheet
356Kb / 25P
IrDA Data Compliant 115.2kb/s 3V to 5V Infrared Transceiver
HSDL-3612-037 HP-HSDL-3612-037 Datasheet
356Kb / 25P
IrDA Data Compliant 115.2kb/s 3V to 5V Infrared Transceiver
HSDL-3612-038 HP-HSDL-3612-038 Datasheet
356Kb / 25P
IrDA Data Compliant 115.2kb/s 3V to 5V Infrared Transceiver
More results


Similar Description - HSDL-3612

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3600 AVAGO-HSDL-3600 Datasheet
1Mb / 34P
IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
HSDL-3610 AVAGO-HSDL-3610 Datasheet
1Mb / 26P
IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3202 HP-HSDL-3202 Datasheet
284Kb / 16P
IrDA짰 Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com