Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSDL-3208 Datasheet (PDF) - Lite-On Technology Corporation

HSDL-3208 Datasheet PDF - Lite-On Technology Corporation
Part # HSDL-3208
Download  HSDL-3208 Download
File Size   465.93 Kbytes
Page   23 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver

HSDL-3208 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSDL-3208 Datasheet PDF - Lite-On Technology Corporation

Part # HSDL-3208
Download  HSDL-3208 Click to download

File Size   465.93 Kbytes
Page   23 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver

HSDL-3208 Datasheet (HTML) - Lite-On Technology Corporation


HSDL-3208 Product details

Description
The HSDL-3208 is an ultra-small low cost infrared transceiver module that provides the interface between logic and infrared (IR) signals for through air, serial, half-duplex IR data link. The module is compliant to IrDA Physical Layer Specifications version 1.4 Low Power from 9.6 kbit/s to 115.2 kbit/s with extended link distance. It is IEC 825-Class 1 eye safe and able to switch to Low Tx Power Mode when programming sequence is applied to both SD and TXD inputs.

Features
• Fully compliant to IrDA 1.4 low power specification from 9.6 kbit/s to 115.2 kbit/s
• Miniature package
    – Height: 1.60 mm
    – Width: 7.00 mm
    – Depth: 2.80 mm
• Miniature package (with shield)
    – Height: 1.80 mm
    – Width: 7.40 mm
    – Depth: 2.90 mm
• Guaranteed temperature performance, -25 to +70°C
    – Critical parameters are guaranteed over temperature and supply voltage
• Low power consumption
    – Low shutdown current (1 nA typical)
    – Complete shutdown of TXD, RXD, and PIN diode
• Withstands >100 mVp-p power supply ripple typically
• Excellent EMI performance without shield
• VCC supply 2.4 to 3.6 volts
• LED stuck-high protection
• Designed to accommodate light loss with cosmetic windows
• IEC 825-class 1 eye safe
• Lead-free and RoHS compliant

Applications
• IRFM
• Mobile telecom
    – Cellular phones
    – Pagers
    – Smart phones
• Data communication
    – PDAs
    – Portable printers
• Digital imaging
    – Digital cameras
    – Photo-imaging printers




Similar Part No. - HSDL-3208

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3208-021 HP-HSDL-3208-021 Datasheet
265Kb / 18P
Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3208-021 LITEON-HSDL-3208-021 Datasheet
1Mb / 23P
Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-021 LITEON-HSDL-3208-021 Datasheet
488Kb / 22P
Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-025 LITEON-HSDL-3208-025 Datasheet
1Mb / 23P
Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-S21 LITEON-HSDL-3208-S21 Datasheet
488Kb / 22P
Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Similar Description - HSDL-3208

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3002 AVAGO-HSDL-3002 Datasheet
436Kb / 20P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Transmission Infrared Transceiver
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3003 AVAGO-HSDL-3003 Datasheet
443Kb / 21P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3208-025 LITEON-HSDL-3208-025 Datasheet
1Mb / 23P
Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-S21 LITEON-HSDL-3208-S21 Datasheet
488Kb / 22P
Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com