Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSDL-3203 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HSDL-3203 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HSDL-3203
Download  HSDL-3203 Download
File Size   400.89 Kbytes
Page   19 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver

HSDL-3203 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSDL-3203 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-3203
Download  HSDL-3203 Click to download

File Size   400.89 Kbytes
Page   19 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver

HSDL-3203 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HSDL-3203 Product details

Description
The HSDL-3203 is a miniature low cost infrared transceiver module that provides the interface between logic and infrared (IR) signals for through air, serial, half-duplex IR data link. The module is compliant to IrDA Physical Layer Specifications version 1.4 Low Powerfrom 9.6 kbit/s to 115.2 kbit/s with extended link distance and it is IEC 825-Class 1 eye safe.

Features
• Fully compliant to IrDA 1.4 low power specification from 9.6 kbit/s to 115.2 kbit/s
• Low power operation at extended link distance of 50 cm
• Miniature package
    — Height: 1.95 mm
    — Width: 8.00 mm
    — Depth: 3.10 mm
• Guaranteed temperature performance, –20 to +70˚C
    — Critical parameters are guaranteed over temperature and supply voltage
• Low power consumption
    — Low shutdown current (10 nA typical)
    — Complete shutdown of TXD, RXD, and PIN diode
• Withstands > 100 mV p-p power supply ripple typically
• VCC supply 2.7 to 3.6 volts
• Integrated EMI shield
• LED stuck-high protection
• Designed to accommodate light loss with cosmetic windows
• IEC 825-Class 1 Eye Safe
• Lead-free and RoHS Compliant

Applications
• Mobile telecom
    — Mobile phones
    — Pagers
    — Smart phone
• Data communication
    — PDAs
    — Portable printers
• Digital imaging
    — Digital cameras
    — Photo-imaging printers
• Electronic wallet, IrFM




Similar Part No. - HSDL-3203

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3203-021 HP-HSDL-3203-021 Datasheet
238Kb / 19P
Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Similar Description - HSDL-3203

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3002 AVAGO-HSDL-3002 Datasheet
436Kb / 20P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Transmission Infrared Transceiver
HSDL-3003 AVAGO-HSDL-3003 Datasheet
443Kb / 21P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3208 LITEON-HSDL-3208 Datasheet
465Kb / 23P
Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3208-025 LITEON-HSDL-3208-025 Datasheet
1Mb / 23P
Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-S21 LITEON-HSDL-3208-S21 Datasheet
488Kb / 22P
Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com