Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSDL-3203 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-3203
Description  Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSDL-3203 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSDL-3203 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSDL-3203 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSDL-3203 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSDL-3203 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSDL-3203 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSDL-3203 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSDL-3203 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSDL-3203 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSDL-3203 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
Figure 1. Functional block diagram of HSDL-3203.
Application Support
Information
The Application Engineering
group in Avago Technologies is
available to assist you with the
technical understanding associ-
ated with HSDL-3203 infrared
transceiver module. You can con-
tact them through your local
Avago sales representative for
additional details.
Figure 2. Rear view diagram with pin-out.
87654321
Ordering Information
Part Number
Packaging Type
Package
Quantity
HSDL-3203-021
Tape and Reel
Front View
2500
7
LED
DRIVER
6
5
RX PULSE
SHAPER
8
4
3
2
1
C2
100 nF
C1
6.8 µF
TXD
LED A
GND
CX
RXD
VCC
SD
AGND
VCC
VCC
VCC
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com