Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP1037A Datasheet (PDF) - Toshiba Semiconductor

TLP1037A Datasheet PDF - Toshiba Semiconductor
Part # TLP1037A
Download  TLP1037A Download
File Size   152.96 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DOMESTIC ELECTRICAL APPLIANCES SUCH AS VTRS AND CD PLAYERS

TLP1037A Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP1037A Datasheet PDF - Toshiba Semiconductor

Part # TLP1037A
Download  TLP1037A Click to download

File Size   152.96 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DOMESTIC ELECTRICAL APPLIANCES SUCH AS VTRS AND CD PLAYERS

TLP1037A Datasheet (HTML) - Toshiba Semiconductor


TLP1037A Product details

Domestic electrical appliances such as VTRs and CD players
Office equipment such as photocopiers, printers and fax machines
Vending machines, bank ATMs and automatic ticket machines
Position detectors

The TLP1037A is a high-withstanding-voltage photo-interrupter for digital output. The device combines a high-optical-output GaAs infrared LED with a high-sensitivity, high-gain Si photo-IC. The photo-IC, which supports a wide range of systems (3.3 V to 12 V), enables the device to consume less power than conventional devices. The device also features a narrow slit width and high resolution.
The device is housed in a deep-slot package.

• Deep-slot package (detection slot depth: 12 mm)
• Designed for direct mounting on printed circuit boards (positioning pins included)
• Gap: 5 mm
• Resolution: slit width 0.5 mm
• Digital output (open-collector, high-level output when no light is present)
• Direct connection to logic IC
• Power supply voltage: VCC = 2.7 V~15 V
• Switching time: tpLH = 15 µs (max)
• Detector impermeable to visible light
• Package material: Polybutylene-terephthalate (UL94V-0, black)




Similar Part No. - TLP1037A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP1031A TOSHIBA-TLP1031A Datasheet
149Kb / 7P
TOSHIBA Photointerrupter Infrared LED Photo IC
TLP1032 TOSHIBA-TLP1032 Datasheet
226Kb / 9P
Domestic electrical appliances such as VTRs and CD players
TLP1032F TOSHIBA-TLP1032F Datasheet
226Kb / 9P
Domestic electrical appliances such as VTRs and CD players
TLP1033A TOSHIBA-TLP1033A Datasheet
161Kb / 7P
TOSHIBA Photointerrupter Infrared LED Photo IC
TLP1033A TOSHIBA-TLP1033A Datasheet
226Kb / 9P
Domestic electrical appliances such as VTRs and CD players
More results


Similar Description - TLP1037A

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5916FP ROHM-BA5916FP Datasheet
132Kb / 8P
4-channel BTL driver for CD players and CD-ROMs
BA5970FP ROHM-BA5970FP Datasheet
150Kb / 9P
4-channel BTL driver for CD players and CD-ROMs
BH6505K ROHM-BH6505K Datasheet
209Kb / 12P
PWM driver for CD and MD players
logo
Toshiba Semiconductor
TLP1006A TOSHIBA-TLP1006A Datasheet
403Kb / 9P
HOME ELECTRIC EQUIPMENT SUCH AS VCR,CD PLAYER
TLP1032 TOSHIBA-TLP1032 Datasheet
226Kb / 9P
Domestic electrical appliances such as VTRs and CD players
TLP832 TOSHIBA-TLP832_07 Datasheet
253Kb / 10P
Electronic Equipment Such As VCRS And CD Players
TLP831 TOSHIBA-TLP831_07 Datasheet
276Kb / 8P
Home Electronics Equipment Such As VCRS And CD Players
logo
American Electronic Com...
DG31H AEC-DG31H Datasheet
353Kb / 2P
Domestic appliances, office equipment etc
logo
Rohm
RLD78MYA1 ROHM-RLD78MYA1 Datasheet
74Kb / 3P
CD players, CD-ROM laser diode
logo
NF Forward USA Inc
NF75 NFFORWARD-NF75 Datasheet
2Mb / 3P
Household electrical appliances
Ver. 2209-1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com