Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP115A Datasheet (PDF) - Toshiba Semiconductor

TLP115A Datasheet PDF - Toshiba Semiconductor
Part # TLP115A
Download  TLP115A Download
File Size   218.18 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces Digital Isolation For A / D, D / A Conversion

TLP115A Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP115A Datasheet PDF - Toshiba Semiconductor

Part # TLP115A
Download  TLP115A Click to download

File Size   218.18 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces Digital Isolation For A / D, D / A Conversion

TLP115A Datasheet (HTML) - Toshiba Semiconductor


TLP115A Product details

High Speed, Long Distance Isolated Line Receiver
Microprocessor System Interfaces
Digital Isolation For A / D, D / A Conversion
Computer−Peripheral Interfaces
Ground Loop Elimination

The TOSHIBA mini flat coupler TLP115A is a small outline coupler, suitable for surface mount assembly. TLP115A consists of a high output power GaAℓAs light emitting diode, optically coupled to an integrated high gain, high speed shielded photodetector whose output is an open collector schottky clamped transistor. The shield, which shunts capacirively coupled common noise to ground, provides a guaranteed transient immunity specification of 1000V / μs.

• Input current thresholds: IF = 5mA (max.)
• Switching speed: 10MBd (typ.)
• Common mode transient immunity: ± 1000V / μs (min.)
• Guaranteed performance over temp. : 0~70°C
• Isolation voltage: 2500Vrms (min.)
• UL recognized: UL1577, file no. E67349
   




Similar Part No. - TLP115A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP115A TOSHIBA-TLP115A Datasheet
208Kb / 8P
Photo-IC High Speed, Long Distance Isolated Line Receiver
TLP115A TOSHIBA-TLP115A_07 Datasheet
208Kb / 8P
Photo-IC High Speed, Long Distance Isolated Line Receiver
More results


Similar Description - TLP115A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP113 TOSHIBA-TLP113 Datasheet
218Kb / 8P
Isolated Line Receiver Simplex / Multiplex Data Transmission Computer.Peripheral Interface Microprocessor System Interface Digital Isolation For A / D
TLP115 TOSHIBA-TLP115 Datasheet
217Kb / 8P
High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces
TLP558 TOSHIBA-TLP558 Datasheet
215Kb / 7P
Isolated Bus Driver High Speed Line Receiver Microprocessor System Interfaces MOS FET Gate Driver Transistor Inverter
TLP116 TOSHIBA-TLP116 Datasheet
75Kb / 5P
Digital Isolation for A/D,D/A Conversion. High Speed Line Receiver. Microprocessor System Interfaces. Plasma Display Panel.
21-Oct-2003
TLP115 TOSHIBA-TLP115_07 Datasheet
203Kb / 8P
Photo−IC High Speed, Long Distance Isolated Line Receiver
TLP115A TOSHIBA-TLP115A_07 Datasheet
208Kb / 8P
Photo-IC High Speed, Long Distance Isolated Line Receiver
TLP2108 TOSHIBA-TLP2108 Datasheet
304Kb / 11P
Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP715 TOSHIBA-TLP715_14 Datasheet
292Kb / 9P
Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP718 TOSHIBA-TLP718_15 Datasheet
582Kb / 9P
Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP751 TOSHIBA-TLP751 Datasheet
548Kb / 7P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Analog Signal Isolation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com